Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV174A Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54LV174A
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54LV174A Datasheet(HTML) 5 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54LV174A, SN74LV174A
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS401B – APRIL 1998 – REVISED JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV174A
SN74LV174A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF*
95
170
80
80
MHz
fmax
CL = 50 pF
55
130
50
50
MHz
tpd*
CLR
Q
CL =15 pF
4.5
11.4
1
13.5
1
13.5
ns
tpd
CLK
Q
CL = 15 pF
5.8
11
1
13
1
13
ns
tpd
CLR
Q
6
14.9
1
17
1
17
tpd
CLK
Q
CL = 50 pF
7.5
14.5
1
16.5
1
16.5
ns
tsk(o)†
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† Skew between any two outputs of the same package switching in the same direction
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV174A
SN74LV174A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF*
130
240
110
110
MHz
fmax
CL = 50 pF
90
180
80
80
MHz
tpd*
CLR
Q
CL =15 pF
3
7.6
1
9
1
9
ns
tpd
CLK
Q
CL = 15 pF
4.1
7.2
1
8.5
1
8.5
ns
tpd
CLR
Q
4.2
9.6
1
11
1
11
tpd
CLK
Q
CL = 50 pF
5.5
9.2
1
10.5
1
10.5
ns
tsk(o)†
1
1
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† Skew between any two outputs of the same package switching in the same direction
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74LV174A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.34
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.3
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.02
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL =50 pF
f=10MHz
3.3 V
14
pF
Cpd
Power dissi ation ca acitance
CL = 50 F,
f = 10 MHz
5 V
15.1
F
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LV174AHex D-type Flip-Flops with Clear 1 2 3 4 5 MoreHitachi Semiconductor
SN54S174HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
SN54AHC174HEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
DM74ALS174Hex/Quad D-Type Flip-Flops with Clear 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC174Hex D-type Flip-Flops with Clear 1 2 3 4 5 MoreHitachi Semiconductor
SN54HC174HEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
SN74ALS175HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR 1 2 Texas Instruments
SN54AHCT174HEX D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
MM74HC174Hex D-Type Flip-Flops with Clear 1 2 3 4 5 MoreFairchild Semiconductor
SN54174HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn