Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT20 Datasheet(PDF) 1 Page - Lumins Inc.

Part # SPT20
Description  Post top
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SPT20 Datasheet(HTML) 1 Page - Lumins Inc.

  SPT20 Datasheet HTML 1Page - Lumins Inc. SPT20 Datasheet HTML 2Page - Lumins Inc. SPT20 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90
60
30
14”
14”
Hinged door
mechanism for
ease of access
For other voltages, please
specify with catalog number.
Specification
SPARTACUS
SPT20
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
- Cast aluminum swing out hinge mechanism for quick
maintenance access.
1 - Cast aluminum removable gasketed top for quick and ease
of ballast servicing.
2 - Standard specular multi facet reflector,with type III
distribution.
3 - Cast aluminum sealed hinged glass frame, with perimeter
memory retention embedded silicone gasket.
4 - Clear tempered clear glass lens
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
Model#
Voltage
Finish
Options
SPT20
Mounting / E.P.A
For options details and
specifications, please refer
to pages 115.116 & 72
luminaires may be altered for design improvements or discontinued without prior notice.
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
L U M I
I
N S
Photometry
1
2
3
4
Mounting
E.P.A : 0.72 Max. weight: 30 lbs.
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Single lamp
F157
F170
120 V Standard factory
prewired
(If no voltage is specified)
208 V
240 V
277 V
347 V
480 V
347 V (To specify)
Smart ballast 120/277
H.I.D.
COMP. FLUO.
Note:
SPT20 series is a modular luminaire
offered with an array of standard
attachments to meet multiple installation
requirements. Please specify desired
mounting accessory with model number.
(See page 116)
Accessories
R5:
Type V light
distribution
semi specular
aluminum reflector.
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
ACA5
ACW5
APA1
APC1
APS1
S
T
W
Page
110


Similar Part No. - SPT20

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20-APA LUMINIS-SPT20-APA Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APC LUMINIS-SPT20-APC Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APS LUMINIS-SPT20-APS Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket
logo
Coilcraft lnc.
SPT20L-112ML COILCRAFT-SPT20L-112ML Datasheet
248Kb / 3P
   SMT Power Inductors
SPT20L-233ML COILCRAFT-SPT20L-233ML Datasheet
248Kb / 3P
   SMT Power Inductors
More results

Similar Description - SPT20

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT15P LUMINIS-SPT15P Datasheet
202Kb / 3P
   Post top
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
   Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
   Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
   Post top mount
W905 LUMINIS-W905 Datasheet
16Kb / 1P
   Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
   Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
   Post top mount
W768 LUMINIS-W768 Datasheet
187Kb / 4P
   Post top mount
W800 LUMINIS-W800 Datasheet
112Kb / 2P
   Post top mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com