Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV14A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV14A
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54LV14A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV14A Datasheet HTML 1Page - Texas Instruments SN54LV14A Datasheet HTML 2Page - Texas Instruments SN54LV14A Datasheet HTML 3Page - Texas Instruments SN54LV14A Datasheet HTML 4Page - Texas Instruments SN54LV14A Datasheet HTML 5Page - Texas Instruments SN54LV14A Datasheet HTML 6Page - Texas Instruments SN54LV14A Datasheet HTML 7Page - Texas Instruments SN54LV14A Datasheet HTML 8Page - Texas Instruments SN54LV14A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54LV14A, SN74LV14A
HEX SCHMITT TRIGGER INVERTERS
SCLS386J − SEPTEMBER 1997 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 10 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LV14A ...J OR W PACKAGE
SN74LV14A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LV14A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LV14A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
These hex Schmitt-trigger inverters are designed for 2-V to 5.5-V VCC operation.
The ’LV14A devices contain six independent inverters. These devices perform the Boolean function Y = A.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV14ARGYR
LV14A
SOIC − D
Tube of 50
SN74LV14AD
LV14A
SOIC − D
Reel of 2500
SN74LV14ADR
LV14A
SOP − NS
Reel of 2000
SN74LV14ANSR
74LV14A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV14ADBR
LV14A
−40 C to 85 C
Tube of 90
SN74LV14APW
TSSOP − PW
Reel of 2000
SN74LV14APWR
LV14A
TSSOP − PW
Reel of 250
SN74LV14APWT
LV14A
TVSOP − DGV
Reel of 2000
SN74LV14ADGVR
LV14A
CDIP − J
Tube of 25
SNJ54LV14AJ
SNJ54LV14AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV14AW
SNJ54LV14AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV14AFK
SNJ54LV14AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn