Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB215SKW03N-4JF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB215SKW03N-4JF
Description  Low Profile Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB215SKW03N-4JF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB215SKW03N-4JF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW03N-4JF Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB2
MOUNTING TYPES & SHAPES
TERMINALS
CONTACT MATERIALS & RATINGS
PCB Mounting
SK Square
Single Pole
Double Pole
Snap-in Mounting (Solder Lug)
KK Square
with Built-in Bezel
Panel Thickness:
.039 ~ .126”
(1.0 ~ 3.2mm)
Silver Contacts
Power Level
5A @ 125V AC & 250V AC
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Complete explanation of operating range in Supplement section.
W
G
01
03
Solder Lug
Straight PC
(17.4) Sq
.685
(0.2)
.008
(5.0)
.197
(2.0)
.079
(1.6)
.063
(0.8)
.032
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
CAP TYPES & COLOR COMBINATIONS
AT3073 Sculptured
Material: Polycarbonate
Finish: Glossy
JB
JC
JD
JF
4
B
C
D
F
Material: Polycarbonate
Finish: Glossy
5
AT3077 Beveled
(15.0) Sq
.591
(6.1)
.240
(5.6)
.220
(15.0) Sq
.591
Clear/
White
Clear/
Amber
Clear/
Green
Clear/
Red
White
Amber
Green
Red
Clear Lens
Opaque
Colored Insert
Opaque
Colored Cap
JA Clear/
Black
A
Black
Lens/Insert
Colors Available:
Cap
Colors Available:
(5.08) Typ
.200
CL
3
2
1
(1.2) Dia Typ
.047
6
5
4
(5.08) Typ
.200
(5.08)
.200
CL
3
2
1
(1.2) Dia Typ
.047
(5.08) Typ
.200


Similar Part No. - UB215SKW03N-4JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW035C-1JB NKK-UB215SKW035C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB215SKW035C-1JB NKK-UB215SKW035C-1JB Datasheet
410Kb / 12P
   General Specifications
UB215SKW035C-1JC NKK-UB215SKW035C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB215SKW035C-1JC NKK-UB215SKW035C-1JC Datasheet
410Kb / 12P
   General Specifications
UB215SKW035C-1JD NKK-UB215SKW035C-1JD Datasheet
410Kb / 12P
   General Specifications
More results

Similar Description - UB215SKW03N-4JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com