Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P01-12-E-1H Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P01-12-E-1H
Description  Complement to MLW Rockers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P01-12-E-1H Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  P01-12-E-1H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P01-12-E-1H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to MLW Rockers
P01 Indicators
TYPICAL INDICATOR ORDERING EXAMPLE
BEZEL COLORS
A
Black
B
White
C
Red
D
Orange
E
Yellow
F
Green
G
Blue
H
Gray
C
P01
CAP COLORS
1
LAMPS
Incandescent
06
6-volt
12
12-volt
18
18-volt
24
24-volt
28
28-volt
Neon
N
110-volt
12
BEZELS
1
.787” (20.0mm) Wide
2
.937” (23.8mm) Wide
D
B
F
White
Orange
Green
LAMP CODES & SPECIFICATIONS
Incandescent & Neon Lamps for Solid & Design Caps
T-112 Pilot Slide Base
Voltage
V
6V
12V
18V
24V
28V
110V
Current
I
80mA
50mA
35mA
25mA
22mA
1.5mA
MSCP
.159
.215
.398
.215
.247
NA
Endurance
Hours
2,000 Average
15,000 Avg.
Ambient Temperature Range
–10° ~ +50°C
Recommended Resistor for Neon: 33K ohms for 110V AC & 100K ohms for 220V AC
Electrical specifications are determined at a basic temperature of 25°C.
For dimension drawings of lamps, see Accessories & Hardware Index.
If the source voltage is greater than rated voltage, a ballast resistor is required.
The ballast resistor calculation and more lamp detail are shown in the Supplement section.
12
18
06
28
N
24
A
CAP COLORS
B
White
C
Red
D
Orange
E
Yellow
*F
Green
*G
Blue
*F & G not suitable
with neon.
AT602
Incandescent
E
C
G
Red
Yellow
Blue
AT429
(13.5)
.531
(9.78)
.385
(16.2)
.638
(15.8)
.622
Material: Polycarbonate
Finish: Glossy
F & G not suitable for neon
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
P01-12-C-1A
12-volt Incandescent Lamp
Red Cap
Black .787” (20.0mm) Bezel
L(+)
L(-)
AT602N
Neon


Similar Part No. - P01-12-E-1H

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
P01-1000NS-101B RCD-P01-1000NS-101B Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-101BQ RCD-P01-1000NS-101BQ Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-101BW RCD-P01-1000NS-101BW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-201B RCD-P01-1000NS-201B Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
P01-1000NS-201BQ RCD-P01-1000NS-201BQ Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
More results

Similar Description - P01-12-E-1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
   Complement to Type 2SC5248
logo
Nihon Kaiheiki Industry...
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
G01PC NKK-G01PC Datasheet
54Kb / 1P
   Complement to G Switches
logo
Inchange Semiconductor ...
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
   Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
   Complement to Type 2SD1352
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
   Complement to Type 2SA1479
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
   Complement to Type 2SC4159
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
   Complement to Type 2SB1143
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com