Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV138A Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN54LV138A
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV138A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LV138A Datasheet HTML 2Page - Texas Instruments SN54LV138A Datasheet HTML 3Page - Texas Instruments SN54LV138A Datasheet HTML 4Page - Texas Instruments SN54LV138A Datasheet HTML 5Page - Texas Instruments SN54LV138A Datasheet HTML 6Page - Texas Instruments SN54LV138A Datasheet HTML 7Page - Texas Instruments SN54LV138A Datasheet HTML 8Page - Texas Instruments SN54LV138A Datasheet HTML 9Page - Texas Instruments SN54LV138A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
11.7(2)
17.6(2)
1(2)
21(2)
1
21
tpd
G1
Y
CL = 15 pF
12.3(2)
19.2(2)
1(2)
22(2)
1
22
ns
G2A or G2B
11.4(2)
18.2(2)
1(2)
21(2)
1
21
A, B, or C
14.9
21.4
1
25
1
25
tpd
G1
Y
CL = 50 pF
15.7
22.6
1
26
1
26
ns
G2A or G2B
14.8
22
1
25
1
25
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
8.1(2)
11.4(2)
1(2)
13.5(2)
1
13.5
tpd
G1
Y
CL = 15 pF
8.4(2)
12.8(2)
1(2)
15(2)
1
15
ns
G2A or G2B
7.8(2)
11.4(2)
1(2)
13.5(2)
1
13.5
A, B, or C
10.3
15.8
1
18
1
18
tpd
G1
Y
CL = 50 pF
10.6
16.3
1
18.5
1
18.5
ns
G2A or G2B
10
14.9
1
17
1
17
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
5.6(2)
8.1(2)
1(2)
9.5(2)
1
9.5
tpd
G1
Y
CL = 15 pF
5.7(2)
8.1(2)
1(2)
9.5(2)
1
9.5
ns
G2A or G2B
5.4(2)
8.1(2)
1(2)
9.5(2)
1
9.5
A, B, or C
7
10.1
1
11.5
1
11.5
tpd
G1
Y
CL = 50 pF
7.1
10.1
1
11.5
1
11.5
ns
G2A or G2B
6.8
10.1
1
11.5
1
11.5
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
16.8
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
5 V
19.1
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M74LS138P 3-LINE TO 8-LINE DECODER / DEMULTIPLEXER 1  2  3  4  Mitsubishi Electric Semiconductor
CD54AC138 3-to-8-Line Decoders/Demultiplexers 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn