Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV138A Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54LV138A
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV138A Datasheet(HTML) 4 Page - Texas Instruments

  SN54LV138A Datasheet HTML 1Page - Texas Instruments SN54LV138A Datasheet HTML 2Page - Texas Instruments SN54LV138A Datasheet HTML 3Page - Texas Instruments SN54LV138A Datasheet HTML 4Page - Texas Instruments SN54LV138A Datasheet HTML 5Page - Texas Instruments SN54LV138A Datasheet HTML 6Page - Texas Instruments SN54LV138A Datasheet HTML 7Page - Texas Instruments SN54LV138A Datasheet HTML 8Page - Texas Instruments SN54LV138A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
7
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
D package(4)
73
DB package(4)
82
DGV package(4)
120
θ
JA
Package thermal impedance
°C/W
NS package(4)
64
PW package(4)
108
RGY package(5)
39
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 5.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M74LS138P 3-LINE TO 8-LINE DECODER / DEMULTIPLEXER 1  2  3  4  Mitsubishi Electric Semiconductor
CD54AC138 3-to-8-Line Decoders/Demultiplexers 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn