Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB215KKW01N-4JD Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB215KKW01N-4JD
Description  Low Profile Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB215KKW01N-4JD Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB215KKW01N-4JD Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB215KKW01N-4JD Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB2
OPTIONAL ACCESSORIES
Dust Cover
LEGENDS
Beveled Cap
AT4145 Not for use with barriers.
Materials:
Lid: Clear PVC
Operating temperature range:
0°C ~ +70°C (32°F ~ 158°C).
Gasket: Polyethylene
Recommended Panel Thickness
.039” ~ .098” (1.0mm ~ 2.5mm)
A
(17.4)
.685
(25.2) Sq
.992
(17.7)
.697
(17.1)
.673
(17.7)
.697
(17.1)
.673
(17.0) Sq
.669
Cap Height
When
Assembled
(6.4)
.252
(2.5)
.098
(21.0)
.827
Center Position
End Position
(20.07)
.790
(1.2)
.047
(20.07)
.790
(24.28)
.956
(4.8)
.189
(4.1) Typ
.161
(13.3)
.524
(1.2)
.047
Barriers for Snap-in Mount
AT4143
End
AT4144
Center
Material:
Polyamide
Cutouts for more than 1 Switch:
A = .799” (20.3mm) x Number of Switches +
.051” (1.3mm)
Sculptured Cap
(11.5) Sq
.453
(9.98) Sq
.393
(0.76) Typ
.030
(14.48) Dia
.570
(12.96) Dia
.510
(0.76) Typ
.030
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the UB/UB2 Legend Packet,
or utilize the general information and basic specifications presented below.
Shaded areas are printable areas.
Suggested Printable Area for UB Lens
Recommended Methods: Laser Etch on clear lens; Screen Print or Pad Print on lens.
Epoxy based ink is recommended.


Similar Part No. - UB215KKW01N-4JD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215KKW015C-1JB NKK-UB215KKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB215KKW015C-1JB NKK-UB215KKW015C-1JB Datasheet
410Kb / 12P
   General Specifications
UB215KKW015C-1JC NKK-UB215KKW015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB215KKW015C-1JC NKK-UB215KKW015C-1JC Datasheet
410Kb / 12P
   General Specifications
UB215KKW015C-1JD NKK-UB215KKW015C-1JD Datasheet
410Kb / 12P
   General Specifications
More results

Similar Description - UB215KKW01N-4JD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com