Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX138 Datasheet(PDF) 2 Page - Lumins Inc.

Part # LX138
Description  Wall surface mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

LX138 Datasheet(HTML) 2 Page - Lumins Inc.

  LX138 Datasheet HTML 1Page - Lumins Inc. LX138 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LUXOR
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev: Feb.2007
Toll free: 888 .401 .6999
luminaires may be altered for design improvements or discontinued without prior notice.
L U M I
I
N S
Page
54
OPTIONAL MOUNTING AND ACCESSORIES
Max weight:
(luminaire included)
H.I.D: 38 lbs.
C.F.: 29 lbs
LX120-ACW2
Compact fluorescent
LX124-ACW2
H.I.D
Extruded aluminum wall mounted adaptor . 5” dia.x 12 3/4” lg. tubular ballast enclosure with removable cover for access to ballast tray.
Cast aluminum wall mounted plate. 1/2” dia.stainless steel rod support. Extruded arm and all other parts are painted same color as luminaire .
B
A
Front view
12 1/4”
6 3/8”
6 1/4”
5 1/8”
5 5/8”
4 5/8”
3”
Mounting plate A
Mounting plate B
Power supply
17 3/4”
ACW2
Wall mount
LX120-ACA2
Compact fluorescent
LX124-ACA2
H.I.D
E.P.A.: 2.0
Extruded aluminum side pole mounting adaptor.
1/2” dia. stainless steel natural rod support.
Extruded arm and all other parts are painted same
color as luminaire.
Front view
33”
45º
1/2” dia. natural stainless
steel rod support
22”
45 deg.
1/2” dia. natural
stainless steel rod
support
33”
22”
Tubular ballast enclosure
with removable access
bottom cover
17 3/4”
LX150-PC
Compact fluorescent
LX150-PH
H.I.D
E.P.A.: .74
Extruded aluminum side pole mounting
adaptor. 2” X 4” Extruded arm and all other
parts are painted same color as luminaire..
8”
For poles details and specification, please
refer to pages 140 to 144
* Note: 36” extension with ACA2 attachment
24” extension with LX150PC / LX150PH
attachment
PAA514-ACA
PAA516-ACA
PAA518-ACA
PAA520-ACA
14 ft
16 ft
18 ft
20 ft
Post side mount with ACA2 attachment accessory
PXD
pole
style
60”
* Note
PCA
pole
style
PAA
pole
style
4”O.D.
5”O.D.
Compatible poles listing.
4”O.D.
4”O.D.
PAA510-APC
PAA512-APC
PAA514-APC
PAA516-APC
PAA518-APC
PAA520-APC
PAA410-APC
PAA412-APC
PAA414-APC
PAA416-APC
PAA418-APC
PAA420-APC
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-APC
PCA14-APC
PCA16-APC
PXD10-APC
PXD12-APC
PXD14-APC
PXD16-APC
PXD18-APC
PXD20-APC
Post side mount for
LX150PC
(For Luxor Compact Fluoresecnt.)
PAA510-APC
PAA512-APC
PAA514-APC
PAA516-APC
PAA518-APC
PAA520-APC
Post side mount for
LX150PH
(For Luxor HID.)
5”O.D.
Post top mounting for
LX120-ACA2 and LX124-ACA2
Pole
height
Mounting
style
OAL pole
height
12-14 or 16ft.
Mounting
style


Similar Part No. - LX138

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
   VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
LX13088ACLD MICROSEMI-LX13088ACLD Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
More results

Similar Description - LX138

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com