Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54LV02A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV02A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
SN54LV02A, SN74LV02A
QUADRUPLE 2INPUT POSITIVENOR GATES
SCLS390J − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 6.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
SN54LV02A ...J OR W PACKAGE
SN74LV02A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4B
NC
4A
NC
3Y
1B
NC
2Y
NC
2A
SN54LV02A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LV02A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4Y
4B
4A
3Y
3B
1A
1B
2Y
2A
2B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
description/ordering information
The ’LV02A devices are quadruple 2-input positive-NOR gates designed for 2-V to 5.5-V VCC operation.
The ’LV02A devices perform the Boolean function Y = A + B or Y = A
• B in positive logic.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV02ARGYR
LV02A
SOIC − D
Tube of 50
SN74LV02AD
LV02A
SOIC − D
Reel of 2500
SN74LV02ADR
LV02A
SOP − NS
Reel of 2000
SN74LV02ANSR
74LV02A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV02ADBR
LV02A
−40 C to 85 C
Tube of 90
SN74LV02APW
TSSOP − PW
Reel of 2000
SN74LV02APWR
LV02A
TSSOP − PW
Reel of 250
SN74LV02APWT
LV02A
TVSOP − DGV
Reel of 2000
SN74LV02ADGVR
LV02A
CDIP − J
Tube of 25
SNJ54LV02AJ
SNJ54LV02AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV02AW
SNJ54LV102AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV02AFK
SNJ54LV02AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments
SN74F36QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 Texas Instruments
SN5402QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments
SN54L02Quadruple 2-input positive-nor gates 1 2 3 4 5 MoreTexas Instruments
SN54ALS02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments
74AC11002QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 Texas Instruments
SN54F02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 Texas Instruments
SNJ54HC02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LVC02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl