Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54LV02A Datasheet(PDF) 4 Page - TI store

Part No. SN54LV02A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
SN54LV02A, SN74LV02A
QUADRUPLE 2INPUT POSITIVENOR GATES
SCLS390J − APRIL 1998 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV02A
SN74LV02A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
8.3*
12.4*
1*
15*
1
15
ns
tpd
A or B
Y
CL = 50 pF
11
16.1
1
19
1
19
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV02A
SN74LV02A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
5.6*
7.9*
1*
9.5*
1
9.5
ns
tpd
A or B
Y
CL = 50 pF
7.6
11.4
1
13
1
13
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV02A
SN74LV02A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
3.9*
5.5*
1*
6.5*
1
6.5
ns
tpd
A or B
Y
CL = 50 pF
5.3
7.5
1
8.5
1
8.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6)
PARAMETER
SN74LV02A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.1
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.2
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 6: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
8.9
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
10.3
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54HCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN74F36QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 TI store
SN5402QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54L02Quadruple 2-input positive-nor gates 1 2 3 4 5 MoreTI store
SN54ALS02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
74AC11002QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 TI store
SN54F02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 TI store
SNJ54HC02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54LVC02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl