Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB25NKW01N-A Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25NKW01N-A
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25NKW01N-A Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB25NKW01N-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKW01N-A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
OPTIONAL ACCESSORIES
2
3
1
AT4173
Square Protective Guard/
Snap-in Frame
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black Polyamide
Coil Spring: Stainless Steel
Recommended
Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Recommended
Panel-to-PCB Range:
.354” ~ .433”
(9.0mm ~ 11.0mm)
Spring Loaded Protective Guard for Snap-in Mounting of Square PCB Model
Protective
Guard
Panel
Switch
PC Board
Installation
1 Install switch onto
PC board.
2 Snap protective
guard into panel.
3 Join the two
assemblies.
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(6.0)
.236
(9.0)
.354
(15.64)
.616
(15.64)
.616
180
°
(9.0) ~ (11.0)
.354 ~ .433
(20.4)
.803 (N)
(18.2) Sq
.717
(39.0) Min*
1.535
(N) = Number of switches
* Minimum dimension allows opening of cover to 180
°
AT4173
(10.5)
.413
(20.5)
.807
(20.4)
.803
3
2
1
6
5
4
N.C.
N.C.
N.O.
COM
N.O.
COM.
L -
L +
(7.62) Typ
.300
(2.0) Typ
.079
(5.08) Typ
.200
(22.0)
.866
(15.8)
.622
(0.5) Typ
.020
(3.9)
.154
(5.0)
.197
(8.6)
.339
(0.8) x (1.6) Typ
.032 x .063
(17.8)
.701
(12.0)
.472
(17.0)
.669
(24.0)
.945
Rectangular • Snap-in Mount • Built-in Side Barriers
Single & Double Pole
UB25NBKW01N-F
Single pole models do not have terminals 4, 5, & 6.
TYPICAL SWITCH DIMENSIONS
AT4001
Square
Dust Cover
Materials: PVC with polyethylene gasket (PVC loses pliability below 0°C (32°F).)
Recommended Panel Thickness: .039” ~ .098” (1.0mm ~ 2.5mm)
AT4011
Rectangular
Dust Cover
Not for use with barrier type models (mounting code NBK)
(15.0) Sq
.591
(2.5)
.098
(7.3)
.287
Cap Height
When
Assembled
(24.0) Sq
.945
(16.5)
.650
(16.5)
.650
(24.0)
.945
(22.7)
.894
(30.2)
1.189


Similar Part No. - UB25NKW01N-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25NKW015C NKK-UB25NKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB25NKW015C-CB NKK-UB25NKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25NKW015D NKK-UB25NKW015D Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB25NKW015D-CB NKK-UB25NKW015D-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25NKW015F NKK-UB25NKW015F Datasheet
365Kb / 9P
   Low Profile Pushbuttons
More results

Similar Description - UB25NKW01N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com