Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC2057 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CLC2057
Description  Dual, Low Noise, Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2057 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CLC2057 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
7
Typical Performance Characteristics
TA = 25°C, +Vs = +15V, -Vs = -15V, Rf = Rg =2kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Input Offset Voltage vs. Temperature
Input Bias Current vs. Temperature
Maximum Output Voltage Swing vs. Frequency
Maximum Output Voltage Swing vs. RL
Open Loop Voltage Gain vs. Frequency
Input Voltage Noise vs. Frequency
10
20
30
40
50
60
70
80
90
100
110
120
0.001
0.01
0.1
1
10
100
1000
Frequency (KHz)
RL=2K
0
5
10
15
20
1
10
100
1,000
Frequency (Hz)
0
5
10
15
20
25
30
0.1
1
10
100
1000
Frequency (KHz)
RL=2K
12
14
16
18
20
22
24
26
28
30
0.1
1
10
Resistance Load (KΩ)
-1
-0.5
0
0.5
1
1.5
2
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
50
100
150
200
-40
-20
0
20
40
60
80
100
120
Temperature (°C)


Similar Part No. - CLC2057

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2050 CADEKA-CLC2050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050 EXAR-CLC2050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2050ISO8X CADEKA-CLC2050ISO8X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050ISO8X EXAR-CLC2050ISO8X Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
   Dual 4V to 36V Amplifier
More results

Similar Description - CLC2057

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com