Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK22BG13 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SK22BG13
Description  Process Sealed Keylocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SK22BG13 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  SK22BG13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SK22BG13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SK22BG13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SK22BG13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SK22BG13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. SK22BG13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Process Sealed Keylocks
Series SK
KEY REMOVABLE
Pole &
Throw
Model
Key Positions
Pos 1
Pos 2
Pos 3
Connected Terminals
(Terminal numbers are not on switch)
Pos 1
Pos 2
Pos 3
Schematic
= Key Removable
= Not Removable
= Maximum Arc
SPDT
SK12A
ON
NONE
ON
C1-1
____
C1-2
SPDT
SPDT
SK12B
SK15B
ON
ON
NONE
NONE
ON
(ON)
C1-1
____
C1-2
DPDT
SK22A
ON
NONE
ON
C1-1
C2-4
____
C1-2
C2-5
DPDT
DPDT
SK22B
SK25B
ON
ON
NONE
NONE
ON
(ON)
C1-1
C2-4
____
C1-2
C2-5
SP3T
SK14D
ON
ON
ON
C1-1
C1-2
C1-3
SP3T
SK14E
ON
ON
ON
C1-1
C1-2
C1-3
DP3T
SK24D
ON
ON
ON
C1-1
C2-4
C1-2
C2-5
C1-3
C2-6
DP3T
SK24E
ON
ON
ON
C1-1
C2-4
C1-2
C2-5
C1-3
C2-6
Positions 1 & 3
90° Angular Throw
POLES, CIRCUITS & KEY-REMOVABLE POSITIONS
A
POS 1
3
POS 1
3
POS 1
2
3
POS 1
2
3
Position 1
90° Angular Throw
B
Positions 1, 2 & 3
45° Angular Throw
D
Position 2
45° Angular Throw
E
TERMINALS
Straight PC Terminals with Bracket
13
Right Angle PC Terminals
30
12
C1
12
45
C1
C2
12
C1
3
POS 1
3
POS 1
3
POS 1
2
3
POS 1
2
3
CONTACT MATERIAL & RATING
Gold over Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
G
1 2
C1
3
4 5
C2
6
Double Throw Model
Three Throw Model
Double Throw Model
Three Throw Model


Similar Part No. - SK22BG13

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SK22B PACELEADER-SK22B Datasheet
223Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SK22B GXELECTRONICS-SK22B Datasheet
485Kb / 2P
   VOLTAGE - 20 TO 100 VOLTS CURRENT - 2.0 AMPERES
logo
Chip Integration Techno...
SK22B CITC-SK22B Datasheet
153Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Microdiode Electronics ...
SK22BF CHENDA-SK22BF Datasheet
797Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK22BG13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
CKM12AFW01 NKK-CKM12AFW01 Datasheet
256Kb / 6P
   High Security Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com