Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK8307AITQ80 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK8307AITQ80
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307AITQ80 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK8307AITQ80 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307AITQ80 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
4
PRELIMINARY Data Sheet
Pin Configurations
QFN-64
QFN-64
(B2 Version: AD9222 Pinout Option)
CDK8307
QFN-64
2
IN1
4
IP2
3
AVSS
1
IP1
6
AVSS
8
IN3
7
IP3
16
D1N
9
AVSS
5
IN2
10
IP4
12
DVSS
14
DVSS
13
PD
15
D1P
11
IN4
47 IP8
45 IN7
46 AVSS
48 IN8
43 AVSS
41 IP6
42 IN6
33 D8P
40 AVSS
44 IP7
39 IN5
37 AVSS
35 DVDD
36 DVSS
34 D8N
38 IP5
CDK8307
TQFP-80
2
IP1
4
AVSS
3
IN1
1
AVDD
6
IN2
8
AVSS
7
AVDD
20
LCLKN
9
IP3
5
IP2
10
IN3
12
IP4
14
AVDD
13
IN4
15
DVSS
16
PD
18
DVSS
17
DVSS
19
LCLKP
11
AVSS
59 IN8
57 AVSS
58 IP8
60 AVDD
55 IP7
53 AVSS
54 AVDD
41 FCLKP
52 IN6
56 IN7
51 IP6
49 IN5
47 AVDD
48 IP5
46 DVSS
45 RESETN
43 DVSS
44 DVSS
42 FCLKN
50 AVSS
CDK8307
QFN-64
2
IP3
4
AVDD
3
IN3
1
AVDD
6
IP4
8
AVDD
7
AVDD
16
D4P
9
CLKN
5
IN4
10
CLKP
12
AVDD
14
DVDD
13
DVSS
15
D4N
11
AVDD
47 IP6
45 AVDD
46 IN6
48 AVDD
43 IP5
41 PD
42 AVDD
33 D5N
40 CSN
44 IN5
39 SDATA
37 AVDD
35 DVDD
36 DCVSS
34 D5P
38 SCLK
TQFP-80


Similar Part No. - CDK8307AITQ80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307AITQ80 CADEKA-CDK8307AITQ80 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AITQ80 EXAR-CDK8307AITQ80 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Similar Description - CDK8307AITQ80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307_1A CADEKA-CDK8307_1A Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com