Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3400 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK3400
Description  10-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3400 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK3400 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Power Supply Voltage
VDD (Measured to GND)
-0.5
7.0
V
Inputs
Applied Voltage (measured to GND)(2)
-0.5
VDD + 0.5
V
Forced Current(3,4)
-10.0
10.0
mA
Outputs
Applied Voltage (measured to GND)(2)
-0.5
VDD + 0.5
V
Forced Current(3,4)
-60.0
60.0
mA
Short Circuit Duration (single output in HIGH state to GND)
Infinite
sec
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
220
°C
Storage
-65
150
°C
notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fS
Conversion Rate
CDK3400
100
MSPS
CDK3401
150
MSPS
tPWH
CLK Pulsewidth, HIGH
CDK3400
3.1
ns
CDK3401
2.5
ns
tPWL
CLK Pulsewidth, LOW
CDK3400
3.1
ns
CDK3401
2.5
ns
tW
CLK Pulsewidth
CDK3400
10
ns
CDK3401
6.6
ns
tS
Input Data Setup Time
1.7
ns
th
Input Date Hold Time
0
ns
VREF
Reference Voltage, External
1.0
1.235
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
Ω
VIH
Input Voltage, Logic HIGH
2.0
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.8
V
TA
Ambient Temperature, Still Air
0
70
°C


Similar Part No. - CDK3400

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3400

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
   8-bit, 100/150MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com