Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB5363 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SMB5363
Description  5 W SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMB5363 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SMB5363 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMB5363 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 07/11/2007
FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMB5342 THRU SMB5388
5 W SURFACE MOUNT SILICON ZENER DIODES
Features
• Zener impedance at low current is small
• High reliability
Mechanical Data
• Case: SMB (DO-214AA) molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Solder plated solderable per MIL-STD-750
method 2025
• Polarity: color band denotes cathode end
• Mounting position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
5
1)
W
Thermal Resistance Junction to Ambient
RθJA
20
O
C/W
Maximum Forward Voltage at IF = 1 A
VF
1.2
V
Operating Temperature Range
Tj
- 50 to + 150
O
C
Storage Temperature Range
TS
- 50 to + 175
O
C
1) Thermal resistance from junction to terminal mounted on 5 X 5 mm copper pad area.
Dimensions in millimeters
1.1±0.3
5.2±0.15
0.22±0.07
4.4±0.15
SMB / DO-214AA


Similar Part No. - SMB5363

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMB5363A LEIDITECH-SMB5363A Datasheet
520Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
PACELEADER INDUSTRIAL
SMB5363B PACELEADER-SMB5363B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
SUNMATE electronic Co.,...
SMB5363B SUNMATE-SMB5363B Datasheet
505Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Dc Components
SMB5363B DCCOM-SMB5363B Datasheet
52Kb / 2P
   RECTIFIER SPECIALISTS
logo
Jiangsu High diode Semi...
SMB5363B HDSEMI-SMB5363B Datasheet
1Mb / 5P
   SMBK Plastic-Encapsulate Diodes
More results

Similar Description - SMB5363

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N5335B SEMTECH_ELEC-1N5335B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5333B MICROSEMI-SMBG5333B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com