Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK2308BITQ64 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK2308BITQ64
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2308BITQ64 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK2308BITQ64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2308BITQ64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
9
PRELIMINARY Data Sheet
Electrical Characteristics - CDK2308D
(AVDD=1.8V, DVDD=1.8V, DVDDCLK=1.8V, OVDD=2.5V, 80MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal,
13-bit output, unless otherwise noted)
symbol
Parameter
conditions
Min
typ
Max
units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
61.6
dBFS
FIN = 20MHz
61.2
dBFS
FIN = 30MHz
61.3
dBFS
FIN = FS / 2
61.3
dBFS
SNDR
Signal to Noise and Distortion Ratio
FIN = 8MHz
61.3
dBFS
FIN = 20MHz
60.7
dBFS
FIN = 30MHz
61.0
dBFS
FIN = FS / 2
58.7
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
74.8
dBc
FIN = 20MHz
73.9
dBc
FIN = 30MHz
74.7
dBc
FIN = FS / 2
61.7
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
-88.5
dBc
FIN = 20MHz
-95.0
dBc
FIN = 30MHz
-88.9
dBc
FIN = FS / 2
-79.0
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
-74.8
dBc
FIN = 20MHz
-75.0
dBc
FIN = 30MHz
-74.7
dBc
FIN = FS / 2
-61.7
dBc
ENOB
Effective number of Bits
FIN = 8MHz
9.9
bits
FIN = 20MHz
9.8
bits
FIN = 30MHz
9.8
bits
FIN = FS / 2
9.5
bits
XTALK
Crosstalk
Signal crosstalk between channels, FIN1 =
8MHz, FIN0 = 9.9MHz
-95.0
dBc
Power Supply
AIDD
Analog Supply Current
26.5
mA
DIDD
Digital Supply Current
Digital core supply
6.1
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz
9.5
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
7.6
mA
Analog Power Dissipation
47.7
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
30.0
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
77.7
mW
Power Down Dissipation
9.1
µW
Sleep Mode 1
Power Dissipation, Sleep mode one channel
46.1
mW
Sleep Mode 2
Power Dissipation, Sleep mode both channels
18.3
mW
Clock Inputs
Max. Conversion Rate
80
MSPS
Min. Conversion Rate
65
MSPS


Similar Part No. - CDK2308BITQ64

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK2308BITQ64 CADEKA-CDK2308BITQ64 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
More results

Similar Description - CDK2308BITQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com