Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAV70
Description  SILICON EPITAXIAL PLANAR SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV70 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAV70 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV70 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 22/01/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAV70
SILICON EPITAXIAL PLANAR SWITCHING DIODE
Features
• Small package
• Low forward voltage
• Fast reverse recovery time
• Small total capacitance
Applications
• Ultra high speed switching application
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Forward Current
IO
200
mA
Maximum Peak Forward Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 µs
IFSM
1
2
A
Power Dissipation
Pd
350
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
-
-
-
-
715
855
1
1.25
mV
mV
V
V
Reverse Current
at VR = 20 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
IR
IR
IR
-
-
-
25
2.5
30
50
nA
µA
µA
µA
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
75
-
V
Total Capacitance
at f = 1 MHz
CT
-
2
pF
Reverse Recovery Time
at IF = IR = 10 mA to Irr = 1 mA, RL = 50 Ω
trr
-
4
ns
1
3
2
Marking Code: A4
SOT-23 Plastic Package


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Shunye Electro...
BAV70 SHUNYE-BAV70 Datasheet
174Kb / 3P
   Dual surface mount switching diode
logo
Micro Commercial Compon...
BAV70 MCC-BAV70 Datasheet
199Kb / 3P
   350mW 75 Volt Dual Switching Diode
BAV70 MCC-BAV70 Datasheet
88Kb / 2P
   350mW 75 Volt Dual Switching Diode
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com