Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK1307CILP40 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CDK1307CILP40
Description  Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1307CILP40 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CDK1307CILP40 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1307CILP40 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
8
ADVANCE Data Sheet
Electrical Characteristics - CDK1307C
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 65MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, 13-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
73.1
dBFS
FIN = 20MHz
72.2
dBFS
FIN ≃ FS/2
71.6
dBFS
FIN = 40MHz
70.4
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
72.0
dBFS
FIN = 20MHz
71.8
dBFS
FIN ≃ FS/2
70.7
dBFS
FIN = 40MHz
69.6
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
82.1
dBc
FIN = 20MHz
84.8
dBc
FIN ≃ FS/2
78.7
dBc
FIN = 40MHz
79.6
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
-97.3
dBc
FIN = 20MHz
-101
dBc
FIN ≃ FS/2
-90.4
dBc
FIN = 40MHz
-91.1
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
-84.2
dBc
FIN = 20MHz
-90.2
dBc
FIN ≃ FS/2
-78.7
dBc
FIN = 40MHz
-89.7
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.7
bits
FIN = 20MHz
11.6
bits
FIN ≃ FS/2
11.5
bits
FIN = 40MHz
11.3
bits
Power Supply
AIDD
Analog Supply Current
20.4
mA
DIDD
Digital Supply Current
Digital core supply
2.3
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT enabled
5.1
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
3.5
mA
Analog Power Dissipation
36.7
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
12.9
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
49.6
mW
Power Down Dissipation
9.3
μW
Sleep Mode
Power Dissipation, Sleep mode
20.4
mW
Clock Inputs
Max. Conversion Rate
65
MSPS
Min. Conversion Rate
40
MSPS


Similar Part No. - CDK1307CILP40

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307CILP40 CADEKA-CDK1307CILP40 Datasheet
2Mb / 15P
   Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1307CILP40 EXAR-CDK1307CILP40 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
More results

Similar Description - CDK1307CILP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK1307 CADEKA-CDK1307_09 Datasheet
2Mb / 15P
   Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com