Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK1304CTQ32_Q Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK1304CTQ32_Q
Description  10-bit, 25 MSPS 135mW A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1304CTQ32_Q Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK1304CTQ32_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1304CTQ32_Q Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Input Protection
All I/O pads are protected with an on-chip protection circuit
shown in Figure 6. This circuit provides ESD robustness
to 3.5kV and prevents latch-up under severe discharge
conditions without degrading analog transition times.
Figure 7. On-Chip Protection Circuit
Power Supply Sequencing Considerations
All logic inputs should be held low until power to the
device has settled to the specific tolerances. Avoid power
decoupling networks with large time constants that could
delay VDD power to the device.
Clock Input
The CDK1304 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance.
Digital Outputs
The digital outputs (D0–D10) are driven by a separate
supply (OVDD) ranging from +3 V to +5 V. This feature
makes it possible to drive the CDK1304 TTL/CMOS com-
patible outputs with the user’s logic system supply. The
format of the output data (D0–D9) is straight binary. (See
Table 3.) The outputs are latched on the rising edge of
CLK. These outputs can be switched into a tri-state mode
by bringing EN high.
Table 3. Output Data Information
Analog Input
Overrange D10
Output Code D9-D0
+F.S. + 1/2 LSB
1
1 1 1 1 1 1 1 1 1 1
+F.S. –1/2 LSB
0
1 1 1 1 1 1 1 1 1Ø
+1/2 F.S.
0
ØØ ØØØØ ØØØØ
+1/2 LSB
0
0 0 0 0 0 0 0 0 0 Ø
0.0V
0
0 0 0 0 0 0 0 0 0 0
(Ø indicates the flickering bit between logic 0 and 1.)
Overrange Output
The Overrange Output (D10) is an indication that the ana-
log input signal has exceeded the positive fullscale input
voltage by 1 LSB. When this condition occurs, D10 will
switch to logic 1. All other data outputs (D0 to D9) will
remain at logic 1 as long as D10 remains at logic 1.
This feature makes it possible to include the CDK1304 in
higher resolution systems.
Evaluation Board
The TBD evaluation board is available to aid designers
in demonstrating the full performance of the CDK1304.
This board includes a reference circuit, clock driver circuit,
output data latches, and an on-board reconstruction of
the digital data. An application note describing the opera-
tion of this board, as well as information on the testing
of the CDK1304, is also available. Contact the factory for
price and availability.


Similar Part No. - CDK1304CTQ32_Q

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Similar Description - CDK1304CTQ32_Q

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7855 CADEKA-SPT7855 Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7855 FAIRCHILD-SPT7855 Datasheet
86Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com