Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK1302AEMQ80_Q Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK1302AEMQ80_Q
Description  8-bit, 750 MSPS, Flash A/D Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1302AEMQ80_Q Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK1302AEMQ80_Q Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1302AEMQ80_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper de-
vice function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltages
Negative Supply Voltage (VEE to GND)
-7.0
+0.5
V
Ground Voltage Differential
-0.5
+0.5
V
Input Voltages
Analog Input
+0.5
VEE +0.5
V
Reference Input
+0.5
VEE +0.5
V
Digital Input
+0.5
VEE +0.5
V
Reference Current Input (VRT to VRB)
35
mA
Output Voltages
Digital Output Current
0
-28
mA
Reliability Information
Parameter
Min
Typ
Max
Unit
Storage Temperature Range
-65
+150
°C
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range - ambient
-25
+85
°C
Operating Temperature - case
+125
°C
Operating Temperature - junction
+150
°C
Lead Temperature, (soldering 10 seconds)
+300
°C


Similar Part No. - CDK1302AEMQ80_Q

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Similar Description - CDK1302AEMQ80_Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
   8-BIT, 750 MSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7755 CADEKA-SPT7755 Datasheet
314Kb / 8P
   8-BIT, 750 MSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com