Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5003W-10 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # SR5003W-10
Description  Ultra-Miniature, SIP 50W, Wide Input Range POL Switching Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SR5003W-10 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  SR5003W-10 Datasheet HTML 1Page - MicroPower Direct, LLC SR5003W-10 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Key Features:
50W Output Power
Efficiency to 93%
Miniature SIP Construction
Wide Input Range
Over Temp. Protection
Remote On/Off
Short Circuit Protection
Low Cost
SR5000W
Ultra-Miniature, SIP
50W, Wide Input Range
POL Switching Regulator
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
3.3 VDC Input
3.0
5.5
VDC
12 VDC Input
10.0
14.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Line Regulation
Vin = Min to Max
±0.5
%
Load Regulation
Iout = 0% to 100%
±0.5
%
Remote Sense Compensation
0.5
VDC
Ripple & Noise (20 MHz)
50
mV P - P
Rise Time
1.5
mS
Turn On Delay
Full Resistive Load
2
mS
Transient Recovery Time
75% Load Step Change
50
µSec
Transient Response Deviation
±5.0
±10.0
%
Temperature Coefficient
±0.02
%/ºC
Overtemperature Protection
See Note 1
115
º
C
Maximum Capacitive Loading
Min ESR > 10 mΩ
5,000
µF
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Not Isolated
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Case
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Size
2.0 x 0.28 x 0.5 Inches (50.8 x 7.1 x 12.7 mm)
Weight
0.19 Oz (6.0g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Flammability Rating
UL94V-0
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
6.0
VDC
12 VDC Input
-0.7
16.0
Pin Solder Temperature
Wave Solder <10S
250.0
°C
Hand Solder Temperature
425°C Iron Temperature
5.0
Sec
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - SR5003W-10

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR5003 VANLONG-SR5003 Datasheet
85Kb / 2P
   915.00 MHz One Port SAW Resonator
More results

Similar Description - SR5003W-10

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LR5000W MPD-LR5000W Datasheet
234Kb / 2P
   Ultra-Miniature, SMT 50W, Wide Input Range POL Switching Regulator
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
   Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
SRU7805W MPD-SRU7805W Datasheet
411Kb / 2P
   Ultra-Wide Input, 0.5A Non-isolated POL Switching Regulators
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
logo
MicroPower Direct, LLC
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com