Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB26RKW01-G Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB26RKW01-G
Description  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26RKW01-G Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26RKW01-G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-G Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Snap-in Pushbuttons
Series LB
Panel
Mounting Nut
Bezel
O-ring
ASSEMBLY INSTRUCTIONS
LEGENDS
Round & Rectangular
Match clip on cap assembly with
receptacle inside switch.
Square
Match projection (C) on cap assembly
with groove (C) inside switch.
Panel Seal
Match projection on cap assembly
with notch inside switch.
Snap-in Mount
Snap-in clip holds all switches firmly
in place. To mount round switch,
match the antirotation projection
on switch with
guide cut in
panel. Snap
into panel
cutout.
Panel Seal
Bushing Mount
Insert switch from the front of the panel
with the o-ring between the built-in
bezel and the panel. Install mounting
nut AT075 (supplied
with switch) from the
rear of the panel.
Overtightening
mounting nut may
damage the switch
housing.
AT109
Cap Extractor
AT112
Socket Wrench
Projection
Cut Corner
C
C
Projection
Panel
Shaded areas are printable areas.
Additional Method
Additional method for legends is engraving the cap. Maximum depth for engraving is .012” (0.3mm) on the cap lens.
Enamel paint is recommended to fill the engraved area.
(13.2) Sq
.520
(11.68) Sq
.460
(0.76) Typ
.030
(19.0) Dia
.748
(17.48) Dia
.688
(0.76) Typ
.030
(19.4)
.764
(17.88)
.704
(0.76) Typ
.030
(13.2)
.520
(11.68)
.460
(0.76) Typ
.030
Rubber Seal
Projection
Notch
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the LB Legend Packet,
or utilize the general information and basic specifications presented below.
Recommended Methods:
Laser Etch on clear lens;
Screen Print or Pad Print on lens.
Epoxy based ink is recommended.
Suggested Printable Area for LB Lens


Similar Part No. - LB26RKW01-G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB26RKW01-GJ NKK-LB26RKW01-GJ Datasheet
697Kb / 20P
   General Specifications
More results

Similar Description - LB26RKW01-G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com