Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR860R Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SR860R
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SR860R Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SR860R Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SR860R Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 06/05/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SR820R THRU SR860R
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage – 20 to 60 V
Forward Current – 8 A
Features
• High current capability, low VF
• Metal to silicon rectifier, majority carrier conduction
• Low power loss, high efficiency
• Plastic package has UL flammability classification 94V-0
• Guard ring for transient protection
• High surge capacity
• For use in low voltage, high frequency inverters free
wheeling, and polarity protection applications
Mechanical Data
Case: Molded plastic, TO-220A
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Polarity: As marked
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive
or inductive load. For capacitive load, derate current by 20%
Parameter
Symbols SR820R SR830R SR840R SR850R SR860R
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
I(AV)
8
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Forward Voltage at 8 A DC and 25 OC
VF
0.55
0.7
V
Maximum Reverse Current at
TC = 25 OC
Rated DC Blocking Voltage
TC = 125 OC
IR
0.5
50
mA
Typical Junction Capacitance
1)
CJ
700
460
pF
Typical Thermal Resistance
2)
RθJC
3
O
C/W
Operating Temperature Range
Topr
- 55 to + 125
- 55 to + 150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V.
2) Thermal Resistance from Junction to case per leg.


Similar Part No. - SR860R

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR860 RECTRON-SR860 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SR860 YFWDIODE-SR860 Datasheet
423Kb / 3P
   Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SR860 CHENG-YI-SR860 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR860 DGNJDZ-SR860 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR860 BYTES-SR860 Datasheet
161Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR860R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com