Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WS Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # 1N4148WS
Description  SILICON EPITAXIAL PLANAR SMALL SIGNAL DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4148WS Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  1N4148WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4148WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4148WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1N4148WS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4148WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-323
Q
L
H
E
D
C
b
A
A
UNIT
E
H
A
b
A
D
A
L
c
Q
p
E
1
mm
1
p
E
p
1.10
0.80
0.1
0
0.40
0.25
0.15
0.00
1.80
1.60
1.35
1.15
2.80
2.30
0.50
0.10
0.15
REF.


Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
logo
RFE international
1N4148WS RFE-1N4148WS Datasheet
1Mb / 3P
   High Speed Switching Diodes
16-12-2021
More results

Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS16W SEMTECH_ELEC-BAS16W Datasheet
188Kb / 2P
   Silicon Epitaxial Planar Small Signal Diode
logo
Daya Electric Group Co....
1N4148W DAYA-1N4148W Datasheet
121Kb / 3P
   Silicon Epitaxial Planar Small Signal Diode
logo
SEMTECH ELECTRONICS LTD...
1N4148W SEMTECH_ELEC-1N4148W Datasheet
231Kb / 3P
   Silicon Epitaxial Planar Small Signal Diode
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
   Silicon Epitaxial Planar Small Signal Diode
logo
Thinki Semiconductor Co...
1N4148WS THINKISEMI-1N4148WS Datasheet
977Kb / 3P
   200mW Silicon Epitaxial Planar Small Signal Fast Switching Diode
logo
SEMTECH ELECTRONICS LTD...
MMBTA06 SEMTECH_ELEC-MMBTA06 Datasheet
171Kb / 2P
   NPN Silicon Epitaxial Planar Small Signal Transistor
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16 Datasheet
179Kb / 2P
   Surface Mount Silicon Planar Small-Signal Diode
BAS19 DIOTEC-BAS19 Datasheet
180Kb / 2P
   Surface Mount Silicon Planar Small-Signal Diode
logo
Rohm
2SC2021 ROHM-2SC2021 Datasheet
309Kb / 4P
   General Small Signal Amp. Epitaxial Planar NPN Silicon Transistors
logo
Thinki Semiconductor Co...
1SS355 THINKISEMI-1SS355 Datasheet
822Kb / 3P
   200mW Silicon Epitaxial Planar Small Signal Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com