Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK14 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SK14
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SK14 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SK14 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SK14 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/04/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SK12 THRU SK110
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage – 20 to 100 V
Forward Current – 1 A
Features
• The plastic package carries Underwriters
Laboratory Flammability Classification 94V-0
• For surface mounted applications
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency
• Built in strain relief, ideal for automated placement
• High forward surge current capability
Mechanical Data
• Case: SMA (DO-214AC) molded plastic body
• Terminals: leads solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or inductive load,
for capacitive load current derate by 20%.
Parameter
Symbols SK12
SK13 SK14 SK15 SK16 SK18 SK110 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
40
A
Maximum Instantaneous Forward Voltage at 1 A
VF
0.55
0.75
0.85
V
Maximum DC Reverse Current
TA = 25
OC
at Rated DC Blocking Voltage
TA = 100
OC
IR
0.5
20
mA
Typical Junction Capacitance
1)
CJ
110
90
pF
Typical Thermal Resistance
2)
RθJA
88
OC/W
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
OC
Storage Temperature Range
TSTG
- 65 to + 150
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.2 X 0.2 (5 X 5 mm) copper pad areas.


Similar Part No. - SK14

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK14 MOSPEC-SK14 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Cystech Electonics Corp...
SK14 CYSTEKEC-SK14 Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
logo
Nanjing International G...
SK14 DGNJDZ-SK14 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SK14 WTE-SK14 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shenzhen Yixinwei Techn...
SK14 YIXIN-SK14 Datasheet
113Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK14

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com