Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2013N-DF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2013N-DF
Description  Internationally Approved Rockers/Paddles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2013N-DF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2013N-DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2013N-DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2013N-DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2013N-DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2013N-DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
(7.6)
.299
(1.17)
.046
Thk = (1.0)
.039
Epoxy Seal
(4.8)
.189
ROCKER/PADDLE FRAMES
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note:
Terminal numbers are
on the switch.
SP
P2011
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
P2012
P2013
ON
ON
NONE
OFF
ON
ON
1-1b
OPEN
1-1a
SPDT
DP
P2021
ON
NONE
OFF
1-1b 2-2b
OPEN
OPEN
DPST
DP
P2022
P2023
ON
ON
NONE
OFF
ON
ON
1-1b 2-2b
OPEN
1-1a 2-2a
DPDT
POLES & CIRCUITS
N Frame for
Small Actuator
Frame for
Large Actuator
1 (COM)
1b
1 (COM)
1b
1a
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
Y
TERMINALS
Solder Lug
Z
P
No Code
.187” (4.75mm)
Quick Connect
Straight PC
SPST
SPDT
DPST
DPDT
Using AT4148 & AT4149
(28.5)
1.122
(34.9)
1.374
(16.0)
.630
(3.5) Dia Typ
.138
(10.1)
.398
(17.8)
.701
(34.9)
1.374
(3.5) Dia Typ
.138
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
(6.0)
.236
(13.5)
.531
(12.8)
.504
(34.9)
1.374
(41.3)
1.626
(3.2) Dia Typ
.126
Using AT4148 & AT4149
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
1b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
2
1b
2b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
2a
2
1b
2b
Maximum Panel Thickness: .126” (3.2mm)
Maximum Panel Thickness: .126” (3.2mm)
(6.35)
.250
(1.3) Dia
.051
(4.75)
.187
(9.0)
.354
Thk = (0.8)
.031
ROCKER/PADDLE FRAMES
TERMINALS
DPST
Epoxy Seal
(4.5)
.177
(2.6)
.102
(1.25)
.049
(2.0)
.079
Thk = (1.0)
.039


Similar Part No. - P2013N-DF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2013N-DF NKK-P2013N-DF Datasheet
159Kb / 5P
   General Specifications
More results

Similar Description - P2013N-DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com