Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF204A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF204A
Description  2.0AMP Surface Mount Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF204A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF204A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF204A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SUF201A THRU SUF205A
VOLTAGE 50V ~ 600V
2.0AMP Surface Mount Super Fast Recovery Rectifiers
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.95
1.25
1.7
35
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
*
Super Fast switching speed under 35ns
Operating and Storage Temperature Range TJ, TSTG
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.
375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
T a=100 C
Maximum Reverse Recovery Time
Typical Junction Capacitance (Note 1)
SUF201A
SUF202A
SUF203A
SUF204A
SUF205A
UNITS
50
100
200
400
600
V
50
100
200
400
600
V
35
70
140
280
420
2.0
50
5.0
80
15
-65
+175
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Thermal Resistance, Junction to Ambient (Note 2) RθJA
75
°
C/W
2. Device mounted FR-4 PCB 0.013mm
01-Jun-2006 Rev. C
Page 1 of 2
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SUF204A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF204AM SECOS-SUF204AM Datasheet
226Kb / 2P
   Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - SUF204A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
FR201 SECOS-FR201 Datasheet
186Kb / 2P
   2.0AMP Fast Recovery Rectifiers
SF21 SECOS-SF21 Datasheet
417Kb / 2P
   2.0AMP Super Fast Rectifiers
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
   Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com