Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF202B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF202B
Description  2.0AMP Surface Mount Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF202B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SUF202B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF202B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SUF201B THRU SUF205B
VOLTAGE 50V ~ 600V
2.0AMP Surface Mount Super Fast Recovery Rectifiers
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SUF201B THRU SUF205B)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.4
0.8
1.2
1.6
2
.0
2.4
35
30
25
20
15
10
5
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.4
.6
0.8
1.0
1.2
1.4
1.6
1.8
5
.0
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
25
50
75
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
SUF201B~203B
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Tj=25 C
SUF204B
SUF205B
2.0
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - SUF202B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF202A SECOS-SUF202A Datasheet
236Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF202AM SECOS-SUF202AM Datasheet
226Kb / 2P
   Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF202JD SECOS-SUF202JD Datasheet
169Kb / 2P
   Voltage 50 ~ 600 V, 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - SUF202B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
FR201 SECOS-FR201 Datasheet
186Kb / 2P
   2.0AMP Fast Recovery Rectifiers
SF21 SECOS-SF21 Datasheet
417Kb / 2P
   2.0AMP Super Fast Rectifiers
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
   Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com