Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF103B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF103B
Description  1.0AMP Surface Mount Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF103B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF103B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF103B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SUF101B THRU SUF105B
VOLTAGE 50V ~ 600V
1.0AMP Surface Mount Super Fast Recovery Rectifiers
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.95
1.25
1.7
35
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
*
Super Fast switching speed under 35ns
Operating and Storage Temperature Range TJ, TSTG
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
T a=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
SUF101B
SUF102B
SUF103B
SUF104B
SUF105B
UNITS
50
100
200
400
600
V
50
100
200
400
600
V
35
70
140
280
420
1.0
30
5.0
80
15
-65
+175
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
Dimens ions in inches and (millimeters )
Thermal Resistance, Junction to Ambient (Note 3) RθJA
75
°C/W
3. Device mounted FR-4 PCB 0.013mm
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SUF103B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF103A SECOS-SUF103A Datasheet
240Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF103AM SECOS-SUF103AM Datasheet
189Kb / 2P
   Voltage 50 ~ 600 V 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF103JD SECOS-SUF103JD Datasheet
227Kb / 2P
   Voltage 50V ~ 600V, 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF103RT SECOS-SUF103RT Datasheet
323Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
More results

Similar Description - SUF103B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_12 Datasheet
197Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
E1AFEA CHONGQING-E1AFEA Datasheet
179Kb / 1P
   1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
ES07A CHONGQING-ES07A Datasheet
181Kb / 1P
   1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL_11 Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
ESH1B TSC-ESH1B Datasheet
136Kb / 2P
   1.0AMP Surface Mount Super Fast Rectifiers
ES1A TSC-ES1A_13 Datasheet
445Kb / 4P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
   1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com