Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU1086 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SU1086
Description  Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SU1086 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SU1086 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SU1086 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SU1086 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SU1086 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC Supply Voltage
Power Dissipation
Storage Temperature Range
Operating Juction Temperature Range
Parameter
Symbol
Ratings
Unit
V
VIN
-0.3 to 12
0~+150
-65~+150
Absolute Maximum Ratings
PD
TST
TOP
C
o
C
o
Internally Limited
Pin Descriptions
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 4
Name
I/O
PIN#
FUNCTION
Adj (GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to
ground to insure stability.
Vin
I
3
The input pin of regulator .Typically a large storage capacitor is connected from this pin to ground
to insure that the input vol
tage does not sag below the min. dropout voltage during the load
tage does not sag below the minimum dropout voltage during the load
transient response .This pin must always be 1.
4V higher than Vout in order for the device to
V higher than Vout in order for the device to
regulate properly.
SU1086
1.5A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
Electrical Characteristics
Parameter
Conditions
MIN
TYP
MAX
UNIT
Reference Voltage
S
U1086-ADJ
Io=10mA, TJ =25 , (Vin-Vout )=1.5V
1.225
1.250
1.275
V
S
U1086-1.5
Io=10mA, TJ =25 , 3V Vin 12V
1.470
1.500
1.530
V
S
U1086-1.8
Io=10mA, TJ =25 , 3.3V Vin 12V
1.764
1.800
1.836
V
S
U1086-2.5
Io=10mA, TJ =25 , 4V Vin 12V
2.450
2.500
2.550
V
S
U1086-3.3
Io=10mA, TJ =25 , 4.8V Vin 12V
3.235
3.300
3.365
V
Output Voltage
S
U1086-5.0
Io=10mA, TJ =25 , 6.5V Vin 12V
4.900
5.000
5.100
V
Line Regulator
SU1086-XXX
Io=10mA, Vout+1.5<Vin<12
-
-
0.2
%
S
U1086-ADJ
Vin=3.3V, 0mA<Io<1.5A, TJ=25 (Note 1,2)
-
-
1
%
S
U1086-1.5
Vin=3.0V, 0mA<Io<1.5A, TJ=25 (Note 1,2)
-
12
15
mV
S
U1086-1.8
Vin=3.3V, 0mA<Io<1.5A, TJ =25 (Note 1,2)
-
15
18
mV
S
U1086-2.5
Vin=4.0V, 0mA<Io<1.5A, TJ=25 (Note 1,2)
-
20
25
mV
S
U1086-3.3
Vin=5.0V, 0mA<Io<1.5A, TJ=25 (Note 1,2)
-
26
33
mV
Load Regulation
S
U1086-5.0
Vin=8.0V, 0mA<Io<1.5A, TJ=25 (Note 1,2)
-
40
50
mV
Dropout Voltage
(Vin-Vout)
S
U1086-XXX
Io=1.5A( Vout=1% Vout)
-
1.3
1.4
V
Current Limit
S
U1086-XXX
Vin-Vout=5V
1.6
-
-
A
Minimum Load Current SU1086-XXX
0
TJ 125
-
5
10
mA
Thermal Regulation
TA=25 , 30ms pulse
-
0.008
0.04
%/W
F=120Hz, COUT=25uF, Tantalum, Io=1.5A
Ripple Rejection
S
U1086-XXX
Vin=Vout+3V
-
60
70
dB
Temperature Stability
Io=10mA
-
0.5
-
%
Thermal Resistance
Junction–to-Ambient
(No heat sink ;No air flow)
-
83
-
/W
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
0.65/2.7
-
/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =1/18” from the
package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
Note 3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - SU1086

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SU1084 SECOS-SU1084 Datasheet
705Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Similar Description - SU1086

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A_11 Datasheet
452Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com