Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3455 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3455
Description  P-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3455 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  STT3455 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01-Jun-2002 Rev. A
Page
4 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
STT3455
-4.0A, -30V,RDS(ON) 100m
P-Channel Enhancement Mode Power Mos.FET
Ω
Fig 9. Maximum Safe Operating Area Fig 10. Effective Transient Thermal Impedance
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


Similar Part No. - STT3455

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3455 VBSEMI-STT3455 Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STT3455

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4953 SECOS-SSG4953 Datasheet
540Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com