Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCB26S15B-3A Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SCB26S15B-3A
Description  Snap Switch Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SCB26S15B-3A Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SCB26S15B-3A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SCB26S15B-3A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SCB26S15B-3A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Snap Switch Pushbuttons
Series SCB
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
Round Red Cap with
Black Shroud
DPDT
ON-(ON) Circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SCB25P15A-4CA
COLORS
Caps
Shrouds
A
Black
A
B
White
B
C
Red
F
Green
G
Blue
H
Gray
H
CIRCUITS
5
ON
(ON)
6
ON
ON
( ) = Momentary
BUSHINGS
P Plastic (with
momentary only)
S Steel
2
SCB
P
5
A
4
CA
TERMINALS
A
.187” (4.75mm) Quick Connect
B
.250” (6.35mm) Quick Connect
Note: Contact factory for availability of
screw lug and solder lug models.
CAPS & SHROUDS
For Momentary
1
.315” (8.0mm) Diameter Cap
2
.394” (10.0mm) Diameter Cap
3
.520” (13.2mm) Diameter Cap
For Momentary & Alternate Action
4
Round Cap and Shroud
5
Rectangular Cap and Shroud
GENERAL SPECIFICATIONS
Electrical Capacity
Resistive Load:
15A & 12 HP @ 125 or 250V AC for high capacity models
Lamp Load:
5A @ 125V AC
Other Ratings
Contact Resistance:
15 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum
Electrical Life:
50,000 operations minimum
Travel:
Pretravel .047” (1.19mm); Overtravel .040” (1.01mm); Differential .011” (0.27mm)
Operating Temp Range:
–40°C through +85°C (–40°F through +185°F)
Materials & Finishes
Caps & Shrouds:
Polycarbonate with glossy finish or PBT
Plunger:
Polyacetal or brass with nickel plating
Bushing:
Steel with zinc plating or glass fiber reinforced polyamide
Case:
Polyester
Movable & Stationary Contacts:
Silver alloy
Terminals:
Brass with silver plating
Standards & Certifications
UL Recognized:
Internal snap switch is UL recognized.
CSA Certified:
Internal snap switch is CSA certified.
15
RATING
15
15A
15A Rating
Plastic Bushing
.187” (4.75mm)
Quick Connect
Terminals
Note: Standard hardware provided with caps. See Bushing detail for more information.


Similar Part No. - SCB26S15B-3A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB26S15B-3AA NKK-SCB26S15B-3AA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
SCB26S15B-3AB NKK-SCB26S15B-3AB Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
More results

Similar Description - SCB26S15B-3A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com