Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPE-60S Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPE-60S
Description  Single Output, 60W Compact, Enclosed AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPE-60S Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPE-60S Datasheet HTML 1Page - MicroPower Direct, LLC MPE-60S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
85
264
VAC
120
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
30.0
A Pk
Cold Start, 230 VAC
60.0
Safety Ground Leakage Current
115 VAC
1.5
mA
230 VAC
3.5
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Adjustment
See Model Selection Guide
Output Voltage Tolerance, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Hold-Up Time
115 VAC
12
mSec
230 VAC
80
Set-Up Time
115 VAC
800
mSec
230 VAC
300
Rise Time
115 VAC
50
mSec
230 VAC
50
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Voltage Protection
See Note 3
115
135
% Vout
Overload Protection
See Note 4
135
165
% Iout
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Input to Ground
1,500
Output to Ground
500
Isolation resistance
500 VDC
100
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
50
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-10
+25
+60
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
20
90
%
Physical
Case Size
6.26 x 3.82 x 1.50 Inches (159.0 x 97.0 x 38.0 mm)
Case Material
Vented Metal Enclosure
Weight
18.0 Oz (0.51 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
IEN 60950, IEC 60950
Vibration
10~500 Hz, 2G 10 min/1 Cycle. Period of 60 min each along X, Y &Z Axis
Single Output, 60W
Compact, Enclosed
AC/DC Power Supplies
Key Features:
60W Output Power
Universal 85-264 AC Input
EN60950 Compliant
Five Single Output Models
Meets EN55022
>300 kHour MTBF
Compact Metal Enclosure
Si
l O
60
MPE-60S Series
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MPE-60S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-05 MPD-MPE-100FS-05 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-12 MPD-MPE-100FS-12 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-24 MPD-MPE-100FS-24 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-27 MPD-MPE-100FS-27 Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
More results

Similar Description - MPE-60S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
   Single Output, 320W Compact, Enclosed AC/DC Power Supplies
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
   Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
   Single Output, 40W Compact, Enclosed AC/DC Power Supplies
MPU-60S MPD-MPU-60S Datasheet
1Mb / 5P
   Single Output, 60W Compact, U-Channel AC/DC Power Supplies
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com