Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDKR10P Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NDKR10P
Description  8mm Process Sealed DIP Rotaries
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NDKR10P Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  NDKR10P Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NDKR10P Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NDKR10P Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NDKR10P Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed DIP Rotaries
Series ND
TYPICAL SWITCH ORDERING EXAMPLE
P
ND
Decimal Positions
Straight PC Terminals
Shaft Actuated
Complement Coded
ACTUATORS
F
Screwdriver Actuated
K
Shaft Actuated
TERMINALS
P
Straight
H
Right Angle
C
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
NDKC10P
TRUTH TABLES (CIRCUITS & POSITIONS)
10
CIRCUITS
R
Real Coded
(White Actuator)
C
Complement Coded
(Red Actuator)
POSITIONS
10
Decimal
16
Hexadecimal
K
F
Screwdriver Actuated
ACTUATORS
Actuator colors:
White for real coded
Red for complement coded
Actuators are fully rotational in either direction.
K
Shaft Actuated
Actuator colors:
White for real coded
Red for complement coded
Decimal
Hexadecimal
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 A B C D E F
Real Coded
Model Numbers:
NDFR, NDKR
1
2
4
8
Complement
Coded
Model Numbers:
NDFC, NDKC
1
2
4
8
R
C
10
16
Actuator Position
x = ON
Terminal No. (Output)
3 4
N D - F
R 1 0 P
N D -
K R 1 0
P


Similar Part No. - NDKR10P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDK AMPHENOL-NDK Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
NDK102C2AR1 AMPHENOL-NDK102C2AR1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NDK102C2AR10 AMPHENOL-NDK102C2AR10 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NDK102C2AR2 AMPHENOL-NDK102C2AR2 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NDK102C2AR3 AMPHENOL-NDK102C2AR3 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
More results

Similar Description - NDKR10P

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
DRD-E MACOM-DRD-E Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
logo
C&K Components
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com