Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB16WGW01-FJ Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB16WGW01-FJ
Description  Standard Size Panel Seal Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16WGW01-FJ Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16WGW01-FJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16WGW01-FJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16WGW01-FJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16WGW01-FJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16WGW01-FJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16WGW01-FJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Panel Seal Pushbuttons
Series LB
OPTIONAL ACCESSORIES
AT9410 Splash Cover for Panel Seal
Materials:
Lid: Polyvinyl chloride
(PVC loses pliability below 0°C/32°F)
Base: Polyethylene
O-ring: NBR
Recommended Panel Thickness:
.039” ~ .138” (1.0mm ~ 3.5mm)
TYPICAL SWITCH DIMENSIONS
Panel Seal
Single & Double Pole
LB25WKW01-CJ
Single pole models do not have terminals 4, 5, & 6.
(19.0) Dia
.748
(25.0) Dia
.984
(21.5)
.846
(12.0)
.472
(5.5)
.217
M22 P1
(0.5) Typ
.020
(1.2) x (2.0) Typ
.047 x .079
(2.54) Typ
.100
(7.5)
.295
(3.2)
.126
(1.8)
.071
Latchdown Position
(1.0)
.039
L (+)
3
6
2
5
4
1
L (-)
(15.8) Sq
.622
NC
NO
COM
(2.8) Typ
.110
(5.08) Typ
.200
Keyway
Lid
Base
O-ring Supplied with
Panel Seal Switch
O-ring Supplied with
AT9410 Splash Cover
(10.6)
.417
(1.6)
.063
(23.0) Dia
.906
(7.8)
.307
(3.0)
.118
(21.0) Dia
.827
(31.3) Dia
1.232
(0.5)
.020
(22.0) Dia
.866
(31.3) Dia
1.232
(15.8) Sq
.622
NC
NO
COM
L
L
(+)
(-)
(0.74) Typ
.029
(5.08)
.200
NC
NO
COM
(5.08)
.200
(2.54) Typ
.100
(1.0) Dia Typ
.039
(0.3) Typ
.012
(2.54) Typ
.100
(0.5)
.020
(4.0)
.157
(15.0)
.591
PCB Adaptors
AT711
Single Pole • Straight PC Terminals
AT712
Double Pole • Straight PC Terminals
(0.3) Typ
.012
(2.54) Typ
.100
(0.5)
.020
(4.0)
.157
(15.0)
.591
NC
NO
COM
L
L
(+)
(-)
(15.8) Sq
.622
(0.74) Typ
.029
(5.08)
.200
NC
NO
COM
Note: Order adaptors separately.
(5.08) Typ
.200
(2.54) Typ
.100
(1.0) Dia Typ
.039


Similar Part No. - LB16WGW01-FJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
More results

Similar Description - LB16WGW01-FJ

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
   Panel Seal Pushbuttons
YB215CWCKW01-5C-JB NKK-YB215CWCKW01-5C-JB Datasheet
316Kb / 8P
   22mm Panel Seal Pushbuttons
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
   Panel Seal Assembly
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
   Panel Seal Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com