Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2B25AA5G13-F Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2B25AA5G13-F
Description  Process Sealed Miniature Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2B25AA5G13-F Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2B25AA5G13-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2B25AA5G13-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Pushbuttons
Series M2
PLUNGERS
A
.282” (7.16mm) Long
for cap codes F & H
B
.307” (7.8mm) Long
for cap codes B & C
TYPICAL SWITCH ORDERING EXAMPLE
15
C
M2B
SPDT
ON-(ON) Circuit
.250” (6.35mm) Bushing
with Double Flat
POLES & CIRCUITS
15
SPDT
ON
(ON)
25
DPDT
ON
(ON)
( ) = Momentary
CONTACT MATERIALS
& RATINGS
W
Silver;
Rated 1A @ 125V AC
& 1A @ 30V DC
G
Gold;
Rated 0.4VA maximum
@ 28V AC/DC maximum
A
Gold over Silver; Rated
1A @ 125V AC & 0.4VA
max @ 28V AC/DC max
A
IMPORTANT:
Switches are supplied without UL, C-UL, & CSA
markings unless specified. Specific models &
ratings noted on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2B15AA5G30-FC
G
Red .201” (5.1mm) Diameter Cap
on .282” (7.16mm) Long Plunger
BUSHING
A5
.250” (6.35mm)
Double Flatted
PC TERMINALS
03 Straight
13 Straight with
.460” (11.7mm) Bracket
30 .150” (3.81mm) Right Angle
40 .150” (3.81mm) Vertical
Right Angle PC Terminals
F
SNAP-ON CAPS
For Plunger A
F
.201” (5.1mm) Diameter
H
.295” (7.5mm) Diameter
For Plunger B
B
.315” (8.0mm) Diameter
C
.394” (10.0mm) Diameter
CAP COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
* For cap codes
B & C only
*
*
*
*
Gold Contacts with 0.4VA Rating
A5
30


Similar Part No. - M2B25AA5G13-F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2B MA-COM-M2B Datasheet
972Kb / 3P
   Double-Balanced Mixer
M2B MA-COM-M2B Datasheet
972Kb / 3P
   Double-Balanced Mixer
logo
Marki Microwave
M2B-0218 MARKIMICROWAVE-M2B-0218 Datasheet
192Kb / 2P
   TRIPLE-BALANCED MIXERS
logo
List of Unclassifed Man...
M2B1 ETC1-M2B1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M2B25AA5G13-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com