Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD20N03 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD20N03
Description  N-Ch Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD20N03 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD20N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSD20N03
N-Ch Enhancement Mode Power MOSFET
20 A, 30 V, RDS(ON) 52 m
Ω
01-June-2005 Rev. A
Page 2 of 5
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID= 250uA
Breakdown Voltage Temperature
ΔBVDSS /ΔTj
-
0.037
-
V /°C Reference to 25°C, ID= 1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID= 250uA
Forward Transconductance
gfs
-
3
-
S
VDS= 10V, ID= 10A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current(Tj=25℃)
-
-
1
uA
VDS= 30V, VGS=0
Drain-Source Leakage Current(Tj=150 )
IDSS
-
-
100
uA
VDS= 24V, VGS= 0
-
-
52
VGS= 10V, ID= 10A
Static Drain-Source On-Resistance
RDS(ON)
-
-
85
mΩ
VGS= 4.5V, ID= 8A
Total Gate Charge
2
Qg
-
6.1
-
Gate-Source Charge
Qgs
-
1.4
-
Gate-Drain (“Miller”) Change
Qgd
-
4
-
nC
ID= 10 A
VDS= 24 V
VGS= 5 V
Turn-on Delay Time
2
Td(on)
-
4.9
-
Rise Time
Tr
-
29
-
Turn-off Delay Time
Td(off)
-
14.3
-
Fall Time
Tf
-
3.6
-
ns
VDS=15 V
ID= 20 A
VGS= 10 V
RG= 3.3 Ω
RD= 0.75 Ω
Input Capacitance
Ciss
-
290
-
Output Capacitance
Coss
-
160
-
Reverse Transfer Capacitance
Crss
-
45
-
pF
VGS=0 V
VDS=25 V
f=1.0 MHz
SOURCE-DRAIN DIODE
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage
2
VSD
-
-
1.3
V
IS=20 A, VGS=0 V, TJ = 25°C
Continuous Source Current (Body Diode)
IS
-
-
20
A
VD = VG = 0V, VS = 1.3 V
Pulsed Source Current (Body Diode)
1
ISM
-
-
53
A
Notes: 1. Pulse width limited by safe operating area.
2. Pulse width≦300us, duty cycle≦2%.


Similar Part No. - SSD20N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20N06 SECOS-SSD20N06 Datasheet
354Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD20N06-90D SECOS-SSD20N06-90D Datasheet
401Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD20N06-90D DOINGTER-SSD20N06-90D Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD20N06-90D VBSEMI-SSD20N06-90D Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD20N06 SECOS-SSD20N06_15 Datasheet
401Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD20N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com