Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB25NKW01 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25NKW01
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25NKW01 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB25NKW01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25NKW01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
SHAPES & MOUNTING TYPES
Bushing Mounting
S .551” (14.0mm)
Square
Snap-in Mounting
R
C .551” (14.0mm)
Round
.551” x .728” (14.0mm x 18.5mm)
Rectangular
K .551” (14.0mm)
Square
N
M .551” (14.0mm)
Round
.551” x .728” (14.0mm x 18.5mm)
Rectangular
Panel Cutouts
Bushing Mounting
Snap-in Mounting
Panel thicknesses, when using optional accessories, are shown with the accessories at the end of this KB section.
Socket wrench AT108 may be used for bushing mounting. Overtightening the mounting nut may damage the switch housing.
Without
Keyway
With
Keyway
Panel Thickness:
.020” ~ .315”
(0.5 ~ 8.0mm)
Panel Thickness:
.039” ~ .138”
(1.0 ~ 3.5mm)
(12.3) Dia
.484
(12.3) Dia
.484
(1.8)
.071
(4.9)
.193
(12.3) Dia
.484
(1.2) R
.047
(6.8)
.268
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
SP
KB15
*KB16
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
KB25
*KB26
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
* When in latchdown position for the alternate circuit, cap position is .055” (1.4mm) above the built-in bezel.
POLES & CIRCUITS
4
6
1
3
2
5
(COM)
2 (COM)
1
3
Note: Terminal numbers are not actually
on the switch.
Bezel or barrier is an integral part of the switch body. One mounting nut AT057 supplied with each switch.
Bezel or barrier is an integral part of the switch body.
No barrier
With barrier
No barrier
With barrier
No barrier
With barrier
No barrier
With barrier


Similar Part No. - KB25NKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB25NKW01-05-A NKK-KB25NKW01-05-A Datasheet
433Kb / 14P
   General Specifications
KB25NKW01-05-BB NKK-KB25NKW01-05-BB Datasheet
433Kb / 14P
   General Specifications
KB25NKW01-05-CB NKK-KB25NKW01-05-CB Datasheet
433Kb / 14P
   General Specifications
KB25NKW01-05-CC NKK-KB25NKW01-05-CC Datasheet
433Kb / 14P
   General Specifications
KB25NKW01-05-EB NKK-KB25NKW01-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB25NKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com