Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB25CKW01 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25CKW01
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25CKW01 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB25CKW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB25CKW01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
TYPICAL SWITCH DIMENSIONS
Square • Snap-in Mount
Single & Double Pole
Rectangular • Snap-in Mount
Single & Double Pole
Round • Snap-in Mount
Single & Double Pole
KB16KKW01-CC
Single pole models do not have terminals 4, 5, & 6.
KB26MKW01-CC
Single pole models do not have terminals 4, 5, & 6.
KB16NKW01-CC
Single pole models do not have terminals 4, 5, & 6.
(2.3)
.090
(11.6) Sq
.457
(14.0) Sq
.551
(1.0)
.039
(24.7)
.972
(5.3)
.209
(5.0)
.197
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
(3.5)
.138
Latchdown Position
(1.4)
.055
6
3
5
2
1
4
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067
6
3
5
2
1
4
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067
(1.0)
.039
(24.7)
.972
(5.3)
.209
(5.0)
.197
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
(3.5)
.138
Latchdown Position
(1.4)
.055
6
3
5
2
1
4
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067
(1.0)
.039
(24.7)
.972
(5.3)
.209
(5.0)
.197
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
(3.5)
.138
Latchdown Position
(1.4)
.055
(11.6)
.457
(16.1)
.634
(18.5)
.728
(14.0)
.551
(11.6) Dia
.457
(14.0) Dia
.551
(2.3)
.090


Similar Part No. - KB25CKW01

ManufacturerPart #DatasheetDescription
logo
GREATECS
KB25CKW01-05-GG GREATECS-KB25CKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB25CKW01B05A NKK-KB25CKW01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25CKW01B05BB NKK-KB25CKW01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25CKW01B12A NKK-KB25CKW01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25CKW01B12BB NKK-KB25CKW01B12BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB25CKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com