Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U15A10 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # U15A10
Description  FAST RECTIFIERS(15A,50-200V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U15A10 Datasheet(HTML) 2 Page - Mospec Semiconductor

  U15A10 Datasheet HTML 1Page - Mospec Semiconductor U15A10 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - U15A10

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
U15A10PT CHENMKO-U15A10PT Datasheet
111Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - U15A10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
logo
Mospec Semiconductor
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
   FAST RECTIFIERS(10A,50-200V)
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIERS(6.0A,50-200V)
logo
Shindengen Electric Mfg...
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
   General Purpose Rectifiers(200V 15A)
logo
Taiwan Semiconductor Co...
TSP15H120S TSC-TSP15H120S Datasheet
237Kb / 5P
   15A, 120V - 200V Trench Schottky Rectifiers
logo
NTE Electronics
NTE599 NTE-NTE599 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 200V, 15A
logo
Fairchild Semiconductor
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
logo
SeCoS Halbleitertechnol...
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
   200V, 15A Low VF Schottky Barrier Rectifiers
logo
Rohm
RDN150N20 ROHM-RDN150N20 Datasheet
101Kb / 4P
   Switching (200V, 15A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com