Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPA300D Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part No. MPA300D
Description  Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

MPA300D Datasheet(HTML) 1 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPA300D Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Autoranging
90
132
VAC
180
264
Input Frequency
47
63
Hz
Input Current, Full Load
100 - 120 VAC
8
A
200 - 240 VAC
4
Inrush Current, Cold Start
110 VAC
35
A
220 VAC
70
Leakage Current (Note 1)
240 VAC
1.5
mA
Power Factor Correction
Meets EN61000-3-2 Class A
Input Protection
T8A/250V Fuse
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
V1 By Trim Pot
±5.0
%
Output Regulation (Note 2)
±5.0
%
Hold Time
110 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz) (Note 3)
See Model Selection Guide
Overload Protection
Power Limit
130
160
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time (Note 4)
50% Load Change
2.5
mS
Transient Response Deviation
5
%
Overshoot/Undershoot
At Turn On/Off
5.0
%
Turn On Delay
120 VAC
1
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Note 5)
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
23
kHz
Interface Signals
Power Supply On
Green LED (LED1) on the PCB
Power Good Signal
PG on CN1. Goes TTL high 100 to 500 mS after regulation. Goes low at
least 1 mS before the loss of regulation. Will sink 100 mA.
Fan Fail
FF on pin 3 of CN1. Open collector output rated for 15 VDC/5 mA sink
current maximum. Goes high if a fan failure is detected
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+50
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
UL 60950; CSA C22.2 No. 60950; TUV EN60950; CB Report (IEC 60950)
EEMI Compliance
Compliance to EN55022 (CISPR22) Class B; EN61000-3-2,3
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11; EN55024,; CE Marked (LVD)
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
ated output current, unless otherwise
d
t
t
t
l
th
i
Only
6 x 4 x 1.5
Inches!!
Key Features:
Smallest 1U 300W Supply
Dual Outputs
PFC to EN61000-3-2 “A”
UL, cUL, TUV Approvals
CE Certified
FCC Class B Emissions
Auto Selectable AC Input
700W Peak Power
Four Mechanical Options
Smallest 1U 300W
Dual Output
Power Factor Corrected
AC/DC Power Supplies
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn