Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA250 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPA250
Description  Smallest 1U 250W Single Output Power Factor Corrected AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA250 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPA250 Datasheet HTML 1Page - MicroPower Direct, LLC MPA250 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model
Number
Output Voltage
Max. Output Current (Note 7)
Ripple &
Noise
Efficiency
(Note 7)
Factory
PreSet
Range
16 CFM
(U/w Air, E, F)
Convection
(U)
MPA250x-05z
5 VDC
2.0 - 5.0 VDC
40.00A
20.00A
50 mV p-p
75%
MPA250x-09z
9 VDC
6.0 - 10.0 VDC
25.00A
13.50A
±1% p-p
80%
MPA250x-12z
12 VDC 11.0 - 13.8 VDC
20.83A
11.25A
±1% p-p
83%
MPA250x-15z
15 VDC 14.0 - 15.5 VDC
16.66A
9.00A
±1% p-p
83%
MPA250x-18z
18 VDC 16.0 - 20.0 VDC
13.88A
7.50A
±1% p-p
83%
MPA250x-24z
24 VDC 21.0 - 26.0 VDC
10.41A
5.62A
±1% p-p
83%
MPA250x-28z
28 VDC 27.0 - 34.0 VDC
8.92A
4.82A
±1% p-p
83%
MPA250x-36z
36 VDC 35.0 - 42.0 VDC
6.94A
3.75A
±1% p-p
83%
MPA250x-48z
48 VDC 43.0 - 50.0 VDC
5.20A
2.81A
±1% p-p
83%
MPA250x-54z
54 VDC 51.0 - 60.0 VDC
4.62A
2.50A
±1% p-p
83%
Notes:
1. Models are available with leakage current specified as low as 500 µA (at 240 VAC) /
300 µA (at 120 VAC). Contact the factory for details.
2. Output regulation includes line & load.
3. Ripple & noise is measured from 10 Hz to 20 MHz. Measurement connection to
the unit is made with a 0.1 µF ceramic capacitor and a 22 µF electrolytic capacitor
connected in parallel.
4. Transient recovery is measured to within a 1% error band for a load step change of
50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table above) is covered in the safety agency certification.
Standard models are factory set to the “Preset” voltage.This may
be set to other levels within the range without affecting the agency
certification. For more information, contact the factory.
7. Output current is given for the factory preset voltage.With the excep-
tion of the “05” & “09” output models, the maximum continuous
output power level is 250W (with 16 CFM), convection cooled) or
135W convection cooled. For more information, contact the factory.
7. Units will provide peak power of 600W for 500 µS. For units
capable of longer durations, contact the factory.
8. A 1% minimum load is required to maintain regulation and ripple
specifications.
Mechanical Dimensions: U-Chassis (U Suffix)
U-Chassis Cover (C Suffix)
Enclosure Alternate Cover (B Suffix)
Enclosure With Top Fan (F Suffix)
Input Connector CN3: Mating Molex Part No. 09-91-0500
or equivalent (5 pin, 3 used) PCB is Labeled: L = Line; N = Neutral;
G = Chassis Ground. Mating Pins; Molex Engineering Series
2478, 2578, 8818 or Howder M3. 3 pin Terminal block 6.35MM
Center (HD-601-3P).
Output Connector CN2: Mating Molex Part No.09-91-0600.
Mating Pins:Molex Engineering Series 2478,2578,8818.or How-
der M3. 3 pinTerminal block 6.35MM Center (HD-601-4P) Mating
JST Part No. XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Output Pin Assignment:
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 3: V+
Pins 3 ~ 4: V-
Pins 4 ~ 6: V-
Logic Signal Connector CN1: Mating JST XHP or equivalent
(CHYAO SHIUNN JS-21001-3). Mating Pins: JST SXH-002T-P0.6
for AWG 30 to 26.
Logic Signal Pin Assignment:
Pin
Function
1
Power Good
2
Remote On/Off (RMSW)
3
Return
Fan Drive Connector (FAN): 12 VDC/300 mA is available
to drive an external fan. Mating JST Part No. XHP-2 or equivalent
(CHYAO SHIUNN JS-2001-02).


Similar Part No. - MPA250

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-03Z MPD-MPA200LX-03Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-05Z MPD-MPA200LX-05Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-12Z MPD-MPA200LX-12Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-24Z MPD-MPA200LX-24Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA250

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA320 MPD-MPA320 Datasheet
399Kb / 2P
   Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPU-250 MPD-MPU-250 Datasheet
524Kb / 2P
   Single Output 250W Power Factor Corrected AC/DC Power Supplies
MPA300D MPD-MPA300D Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
   Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
   Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300R MPD-MPA300R Datasheet
352Kb / 2P
   Industrial 300W Single Output Power Factor Corrected AC/DC Power Supplies
MPA800R MPD-MPA800R Datasheet
368Kb / 2P
   Industrial 800W Single Output Power Factor Corrected AC/DC Power Supplies
MPA600R MPD-MPA600R Datasheet
381Kb / 2P
   Industrial 600W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300L MPD-MPA300L Datasheet
382Kb / 2P
   Low Profi le 300W Single Output Power Factor Corrected AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com