Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JB15LPC-JC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15LPC-JC
Description  Low Profile Process Sealed Tactiles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15LPC-JC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15LPC-JC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPC-JC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPC-JC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPC-JC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPC-JC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPC-JC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
POLE & CIRCUIT
15
SPST
OFF
(ON)
( ) = Momentary
15
C
JB
SPST
OFF-(ON) Circuit
OPERATING FORCE
No
Code
Standard
(L actuator only)
H
High
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JB15LPC-JC
L
JC
Short Actuator
P
TERMINALS
P
Straight PC
ACTUATORS
L
Short
B
Extended
(H operating force only)
CAP TYPES & COLORS
Flat Cap Colors
B
Translucent White
C
Red
E
Yellow
F
Green
Flat Cap
Lens/Diffuser Colors
JB
Clear/White
JC
Clear/Red
JE
Clear/Yellow
JF
Clear/Green
For JC, JE & JF, diffuser
color must match LED color
Framed Cap
Button/Frame Colors
BB
White/White
BC
White/Red
BE
White/Yellow
BF
White/Green
BH
White/Gray
Straight PC Terminals
LED COLORS
C
Red
E
Yellow
F
Green
POLE & CIRCUIT
Actuator Position
( ) = Momentary
Switch Throw
& Schematic
LED Schematic
Pole &
Throw
Model
Normal
Down
SPST
Notes: Terminal numbers
are shown on switch.
LED circuit is isolated
& requires external
power source.
SPST
JB15
OFF
(ON)
Red LED
Flat Cap with
Clear Lens and Red Diffuser
Standard Operating Force
(+)
(-)
1
2
3
4
TYPICAL SWITCH ORDERING EXAMPLE


Similar Part No. - JB15LPC-JC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JB15LPC-JC NKK-JB15LPC-JC Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
More results

Similar Description - JB15LPC-JC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com