Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ85CA Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMCJ85CA
Description  1500W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMCJ85CA Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMCJ85CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMCJ85CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMCJ85CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMCJ85CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
SMCJ SERIES
VOLTAGE 5.0V ~ 170V
1500W Peak Power Surface Mount TVS
SMCJ5.0(C)
5.0
6.40
7.55
10
9.6
156.2
1000
CJ05
SMCJ54(C)
54
60.0
76.00
1
96.3
15.6
5
CJ54
SMCJ48(C)
48
53.3
67.50
1
85.5
17.5
5
CJ48
SMCJ43(C)
43
47.8
60.50
1
76.7
19.6
5
CJ43
SMCJ36(C)
36
40.0
50.70
1
64.3
23.3
5
CJ36
SMCJ30(C)
30
33.3
42.20
1
53.5
28.0
5
CJ30
SMCJ26(C)
26
28.9
36.60
1
46.6
32.2
5
CJ26
SMCJ22(C)
22
24.4
30.90
1
39.4
38.1
5
CJ22
SMCJ18(C)
18
20.0
25.30
1
32.2
46.6
5
CJ18
SMCJ16(C)
16
17.8
22.60
1
28.8
52.1
5
CJ16
SMCJ14(C)
14
15.6
19.80
1
25.8
58.1
5
CJ14
SMCJ12(C)
12
13.3
16.90
1
22.0
68.2
5
CJ12
SMCJ10(C)
10
11.1
14.10
1
18.8
79.8
5
CJ10
SMCJ8.5(C)
8.5
9.44
11.92
1
15.9
94.3
25
CJ8.5
SMCJ7.5(C)
7.5
8.33
10.67
1
14.3
104.9
100
CJ7.5
SMCJ6.5(C)
6.5
7.22
9.14
10
12.3
122.0
500
CJ6.5
SMCJ5.0(C)A
5.0
6.40
7.25
10
9.2
163.0
1000
CJ05A
SMCJ54(C)A
54
60.0
69.00
1
87.1
17.2
5
CJ54A
SMCJ48(C)A
48
53.3
61.30
1
77.4
19.4
5
CJ48A
SMCJ43(C)A
43
47.8
54.90
1
69.4
21.6
5
CJ43A
SMCJ36(C)A
36
40.0
46.00
1
58.1
25.8
5
CJ36A
SMCJ30(C)A
30
33.3
38.30
1
48.4
31.0
5
CJ30A
SMCJ26(C)A
26
28.9
33.20
1
42.1
35.6
5
CJ26A
SMCJ22(C)A
22
24.4
28.00
1
35.5
42.2
5
CJ22A
SMCJ18(C)A
18
20.0
23.30
1
29.2
51.4
5
CJ18A
SMCJ16(C)A
16
17.8
20.50
1
26.0
57.7
5
CJ16A
SMCJ14(C)A
14
15.6
17.90
1
23.2
64.7
5
CJ14A
SMCJ12(C)A
12
13.3
15.30
1
19.9
75.3
5
CJ12A
SMCJ10(C)A
10
11.1
12.80
1
17.0
88.2
5
CJ10A
SMCJ8.5(C)A
8.5
9.44
10.82
1
14.4
104.2
20
CJ8.5A
SMCJ
7.5(C)A
7.5
8.33
9.58
1
12.9
116.3
100
CJ7.5A
SMCJ6.5(C)A
6.5
7.22
8.30
10
11.2
133.9
500
CJ6.5A
SMCJ6.0(C)A
6.0
6.67
7.67
10
10.3
145.6
1000
CJ06A
SMCJ58(C)A
58
64.4
74.10
1
93.6
16.0
5
CJ58A
SMCJ51(C)A
51
56.7
65.20
1
82.4
18.2
5
CJ51A
SMCJ45(C)A
45
50.0
57.50
1
72.7
20.6
5
CJ45A
SMCJ40(C)A
40
44.4
51.10
1
64.5
23.2
5
CJ40A
SMBJ33(C)A
33
36.7
42.20
1
53.3
28.1
5
CJ33A
SMCJ28(C)A
28
31.1
35.80
1
45.4
33.0
5
CJ28A
SMCJ24(C)A
24
26.7
30.70
1
38.9
38.6
5
CJ24A
SMCJ20(C)A
20
22.2
25.50
1
32.4
46.3
5
CJ20A
SMCJ17(C)A
17
18.9
21.70
1
27.6
53.3
5
CJ17A
SMCJ15(C)A
15
16.7
19.20
1
24.4
61.5
5
CJ15A
SMCJ13(C)A
13
14.4
16.50
1
21.5
69.7
5
CJ13A
SMCJ11(C)A
11
12.2
14.00
1
18.2
82.4
5
CJ11A
SMCJ9.0(C)A
9.0
10.0
11.50
1
15.4
97.4
10
CJ09A
SMCJ8.0(C)A
8.0
8.89
10.23
1
13.6
110.3
50
CJ08A
SMCJ7.0(C)A
7.0
7.78
8.95
10
12.0
125.0
200
CJ07A
SMCJ6.0(C)
6.0
6.67
8.45
10
11.4
131.6
1000
CJ06
SMCJ58(C)
58
64.4
81.60
1
103
14.6
5
CJ58
SMCJ51(C)
51
56.7
71.80
1
91.1
16.5
5
CJ51
SMCJ45(C)
45
50.0
63.30
1
80.3
18.7
5
CJ45
SMCJ40(C)
40
44.4
56.30
1
71.4
21.0
5
CJ40
SMCJ33(C)
33
36.7
46.50
1
59.0
25.2
5
CJ33
SMCJ28(C)
28
31.1
39.40
1
50.0
30.0
5
CJ28
SMCJ24(C)
24
26.7
33.80
1
43.0
34.9
5
CJ24
SMCJ20(C)
20
22.2
28.10
1
35.8
41.9
5
CJ20
SMCJ17(C)
17
18.9
23.90
1
30.5
49.2
5
CJ17
SMCJ15(C)
15
16.7
21.10
1
26.9
55.8
5
CJ15
SMCJ13(C)
13
14.4
18.20
1
23.8
63.0
5
CJ13
SMCJ11(C)
11
12.2
15.40
1
20.1
74.6
5
CJ11
SMCJ9.0(C)
9.0
10.0
12.60
1
16.9
88.7
10
CJ09
SMCJ8.0(C)
8.0
8.89
11.30
1
15.0
100.0
50
CJ08
SMCJ7.0(C)
7.0
7.78
9.86
10
13.3
112.8
200
CJ07
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 3 of 4


Similar Part No. - SMCJ85CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Zowie Technology Corpor...
SMCJ85CA ZOWIE-SMCJ85CA Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ85CA HUAXINAN-SMCJ85CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ85CA MDE-SMCJ85CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ85CA FORMOSA-SMCJ85CA Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ85CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com