Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HCT08 Datasheet(PDF) 10 Page - Texas Instruments

Part No. SN54HCT08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HCT08 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54HCT08 Datasheet HTML 4Page - Texas Instruments SN54HCT08 Datasheet HTML 5Page - Texas Instruments SN54HCT08 Datasheet HTML 6Page - Texas Instruments SN54HCT08 Datasheet HTML 7Page - Texas Instruments SN54HCT08 Datasheet HTML 8Page - Texas Instruments SN54HCT08 Datasheet HTML 9Page - Texas Instruments SN54HCT08 Datasheet HTML 10Page - Texas Instruments SN54HCT08 Datasheet HTML 11Page - Texas Instruments SN54HCT08 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LV08A QUADRUPLE 2-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54AHC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54H01 QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
SN54LVC86A QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments
GD54LS86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  List of Unclassifed Manufacturers
SN54HCT00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54LV86A QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN74ALVC08 QUADRUPLE 2-INPUT POSITIVE-AND GATE 1  2  3  4  5  More Texas Instruments
RD74LVC00B Quad 2-input NAND Gates 1  2  3  4  5  More Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn