Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF124D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF124D
Description  Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF124D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF124D Datasheet HTML 1Page - MicroPower Direct, LLC LF124D Datasheet HTML 2Page - MicroPower Direct, LLC LF124D Datasheet HTML 3Page - MicroPower Direct, LLC LF124D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
Notes:
1. Load regulation is measured for an output change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external
0.33 μF ceramic capacitor be placed from each output to common. For
noise sensitive applications, the use of 0.47 μF capacitors will reduce
the output ripple.
3. Operation at no-load will not damage these units. However, they may
not meet all specifications.
4. The converter should be connected to a low ac-impedance source. An
input source with a highly inductive impedance may affect the stability
of the converter. In applications where the converter output loading is
high and input power is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
Ω at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a 2.2 μF
is recommended, for 12V input units, a 1.0 μF, and for 24V input units,
a 0.47 μF.
5. The outputs of these units may be connected to provide a 10 VDC, 18
VDC, 24 VDC or 30 VDC output. To do this, connect the load across
the positive (+Vout) and negative (-Vout) outputs and float the ouput
common.
6. It is recommended that a fuse be used on the input of a power supply
for protection. See the table above for the correct rating.
Pin Connections
μF Max
33
Capacitive Load
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF101D
5
4.5 - 5.5
267
30
±5.0
±100.0
±2.0
10
75
500
LF102D
5
4.5 - 5.5
260
30
±9.0
±55.0
±1.0
10
76
500
LF103D
5
4.5 - 5.5
255
30
±12.0
±42.0
±0.8
8
79
500
LF104D
5
4.5 - 5.5
251
30
±15.0
±33.0
±0.7
7
79
500
LF111D
12
10.8 - 13.2
111
15
±5.0
±100.0
±2.0
8
75
200
LF112D
12
10.8 - 13.2
109
15
±9.0
±55.0
±1.0
8
76
200
LF113D
12
10.8 - 13.2
105
15
±12.0
±42.0
±0.8
5
80
200
LF114D
12
10.8 - 13.2
103
15
±15.0
±33.0
±0.7
5
80
200
LF121D
24
21.6 - 26.4
56
9
±5.0
±100.0
±2.0
8
74
100
LF122D
24
21.6 - 26.4
55
9
±9.0
±55.0
±1.0
8
75
100
LF123D
24
21.6 - 26.4
53
9
±12.0
±42.0
±0.8
5
79
100
LF124D
24
21.6 - 26.4
52
9
±15.0
±33.0
±0.7
5
79
100
Pin
Description
Pin
Description
1-Vin
6
NA
2
+Vin
7
+Vout
3NA
8
NA
4
Common
9
NA
5
-Vout
10
NA
MicroPower Direct
www.micropowerdirect.com
Board Layout
Derating Curve


Similar Part No. - LF124D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF124S MPD-LF124S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
More results

Similar Description - LF124D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com