Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ12C Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMCJ12C
Description  1500W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMCJ12C Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMCJ12C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMCJ12C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMCJ12C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMCJ12C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
SMCJ SERIES
VOLTAGE 5.0V ~ 170V
1500W Peak Power Surface Mount TVS
SMCJ60(C)
60
66.7
84.5
1
107
14.0
5
CJ60
SMCJ160(C)
160
178
226.0
1
287
5.2
5
CJ160
SMCJ130(C)
130
144
182.5
1
231
6.5
5
CJ130
SMCJ110(C)
110
122
154.5
1
196
7.7
5
CJ110
SMCJ90(C)
90
100
126.5
1
160
9.4
5
CJ90
SMCJ78(C)
78
86.7
109.8
1
139
10.8
5
CJ78
SMCJ70(C)
70
77.8
98.6
1
125
12.0
5
CJ70
SMCJ60(C)A
60
66.7
76.7
1
96.8
15.5
5
CJ60A
SMCJ160(C)A
160
178
205.0
1
259
5.8
5
CJ160A
SMCJ130(C)A
130
144
165.5
1
209
7.2
5
CJ130A
SMCJ110(C)A
110
122
140.5
1
177
8.4
5
CJ110A
SMCJ90(C)A
90
100
115.5
1
146
10.3
5
CJ90A
SMCJ78(C)A
78
86.7
99.7
1
126
11.4
5
CJ78A
SMCJ70(C)A
70
77.8
89.5
1
113
13.3
5
CJ70A
SMCJ64(C)A
64
71.1
81.8
1
103
14.6
5
CJ64A
SMCJ170(C)A
170
189
217.5
1
275
5.5
5
CJ170A
SMCJ150(C)A
150
167
192.5
1
243
6.2
5
CJ150A
SMCJ120(C)A
120
133
153.0
1
193
7.9
5
CJ120A
SMCJ100(C)A
100
111
128.0
1
162
9.3
5
CJ100A
SMCJ85(C)A
85
94.4
108.2
1
137
10.4
5
CJ85A
SMCJ75(C)A
75
83.3
95.8
1
121
12.4
5
CJ75A
SMCJ64(C)
64
71.1
90.1
1
114
13.2
5
CJ64
SMCJ170(C)
160
189
239.5
1
304
4.9
5
CJ170
SMCJ150(C)
150
167
211.5
1
268
5.6
5
CJ150
SMCJ120(C)
120
133
169.0
1
214
7.0
5
CJ120
SMCJ100(C)
100
111
141.0
1
179
8.4
5
CJ100
SMCJ85(C)
85
94.4
119.2
1
151
9.9
5
CJ85
SMCJ75(C)
75
83.3
105.7
1
134
11.2
5
CJ75
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 4 of 4


Similar Part No. - SMCJ12C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ12C BYTES-SMCJ12C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ12C LUGUANG-SMCJ12C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ12C MICROSEMI-SMCJ12C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ12C LUGUANG-SMCJ12C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ12C VISHAY-SMCJ12C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ12C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com