Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4741 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA4741
Description  1.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4741 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMA4741 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMA4735 THRU
SMA4764
VOLTAGE 6.2 V ~ 100V
1.0 Watts Surface Mount Zener Diode
FEATURES
. For surface mounted applications
. 1.0 W power dissipation
. Low reverse current
. Ideally suited for automated assembly processes
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 0.064 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified.
Power Dissipation (Note 1)
PD
1.0
W
Half sine-wave superimposed on rated load
Operating junction and Storage Temperature
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
05-Nov-2007 Rev. C
Page 1 of 4
IFSM
10
A
TJ, TSTG
-55 to +155
O
C
JEDEC method (Note 2)
Electrical Characteristics
Symbol
Value
Unit
Note: (1) Mounted on 5.0mm2(.013mm thick) land areas.
(2) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SMA4741

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA4741 SECOS-SMA4741 Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4741A LEIDITECH-SMA4741A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4741A YANGJIE-SMA4741A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4741A AITSEMI-SMA4741A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4741A FORMOSA-SMA4741A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

Similar Description - SMA4741

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com